Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3990TL-1.35 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3990TL-1.35
Description  LP3990 150mA Linear Voltage Regulator for Digital Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990TL-1.35 Datasheet(HTML) 4 Page - Texas Instruments

  LP3990TL-1.35 Datasheet HTML 1Page - Texas Instruments LP3990TL-1.35 Datasheet HTML 2Page - Texas Instruments LP3990TL-1.35 Datasheet HTML 3Page - Texas Instruments LP3990TL-1.35 Datasheet HTML 4Page - Texas Instruments LP3990TL-1.35 Datasheet HTML 5Page - Texas Instruments LP3990TL-1.35 Datasheet HTML 6Page - Texas Instruments LP3990TL-1.35 Datasheet HTML 7Page - Texas Instruments LP3990TL-1.35 Datasheet HTML 8Page - Texas Instruments LP3990TL-1.35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LP3990
SNVS251I – MAY 2004 – REVISED MAY 2013
www.ti.com
Thermal Properties
(1)
Junction To Ambient Thermal Resistance(2)
θJA(WQFN-6)
88°C/W
θJA(DSBGA)
220°C/W
θJA(SOT-23)
220°C/W
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated
test conditions, see the Electrical Characteristics tables.
(2)
Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power
dissipation is possible, special care must be paid to thermal dissipation issues in board design.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3990


Similar Part No. - LP3990TL-1.35

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990TL-1.35 NSC-LP3990TL-1.35 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990TL-1.35 TI-LP3990TL-1.35 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-1.35/NOPB TI1-LP3990TL-1.35/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990TL-1.35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com