Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38691QSDX-5.0 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP38691QSDX-5.0
Description  LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38691QSDX-5.0 Datasheet(HTML) 2 Page - Texas Instruments

  LP38691QSDX-5.0 Datasheet HTML 1Page - Texas Instruments LP38691QSDX-5.0 Datasheet HTML 2Page - Texas Instruments LP38691QSDX-5.0 Datasheet HTML 3Page - Texas Instruments LP38691QSDX-5.0 Datasheet HTML 4Page - Texas Instruments LP38691QSDX-5.0 Datasheet HTML 5Page - Texas Instruments LP38691QSDX-5.0 Datasheet HTML 6Page - Texas Instruments LP38691QSDX-5.0 Datasheet HTML 7Page - Texas Instruments LP38691QSDX-5.0 Datasheet HTML 8Page - Texas Instruments LP38691QSDX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
VIN
2
3
4
5
6
1
GND
N/C
VOUT
SNS
VIN
Exposed Pad
on Bottom
(DAP)
VIN
2
3
4
5
6
1
GND
VEN
VOUT
SNS
VIN
Exposed Pad
on Bottom
(DAP)
N/C
VOUT
GND
VEN
VIN
1
2
4
3
5
LP38691, LP38693
SNVS321K – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 1. PFM (LP38691DT-X.X) – Top View
Figure 2. SOT-223 (LP38693MP-X.X) – Top View
See Package Number NDP0003B
See Package Number NDC0005A
Figure 3. 6-Lead WSON (LP38691SD-X.X) – Top
Figure 4. 6-Lead WSON (LP38693SD-X.X) – Top
View
View
See Package Number NGG0006A
See Package Number NGG
PIN DESCRIPTIONS
Pin
Description
This is the input supply voltage to the regulator. For WSON devices, both VIN pins must be tied together for
VIN
full current operation (250mA maximum per pin).
Circuit ground for the regulator. For the PFM and SOT-223 packages this is thermally connected to the die
GND
and functions as a heat sink when the soldered down to a large copper plane.
Output sense pin allows remote sensing at the load which will eliminate the error in output voltage due to
SNS
voltage drops caused by the resistance in the traces between the regulator and the load. This pin must be
tied to VOUT.
VEN
The enable pin allows the part to be turned ON and OFF by pulling this pin high or low.
VOUT
Regulated output voltage
WSON Only - The DAP (Exposed Pad) functions as a thermal connection when soldered to a copper plane.
DAP
See WSON MOUNTING section in APPLICATION HINTS for more information.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693


Similar Part No. - LP38691QSDX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691QSDX-5.0 TI-LP38691QSDX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691QSDX-5.0 TI-LP38691QSDX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691QSDX-5.0 TI-LP38691QSDX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691QSDX-5.0 TI1-LP38691QSDX-5.0 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
LP38691QSDX-5.0/NOPB TI1-LP38691QSDX-5.0/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38691QSDX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com