Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LV008 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49LV008
Description  8-Megabit 1M x 8 3-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV008 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49LV008 Datasheet HTML 1Page - ATMEL Corporation AT49LV008 Datasheet HTML 2Page - ATMEL Corporation AT49LV008 Datasheet HTML 3Page - ATMEL Corporation AT49LV008 Datasheet HTML 4Page - ATMEL Corporation AT49LV008 Datasheet HTML 5Page - ATMEL Corporation AT49LV008 Datasheet HTML 6Page - ATMEL Corporation AT49LV008 Datasheet HTML 7Page - ATMEL Corporation AT49LV008 Datasheet HTML 8Page - ATMEL Corporation AT49LV008 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Features
Single Supply for Read and Write: 2.7V to 3.6V (BV), 3.0V to 3.6V (LV)
Fast Read Access Time - 110 ns
Internal Program Control and Timer
16K bytes Boot Block With Lockout
Fast Erase Cycle Time - 10 seconds
Byte-By-Byte Programming - 30
µµµµs/Byte Typical
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
– 25 mA Active Current
–50
µµµµA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49BV/LV008 is a 3-volt-only in-system Flash Memory device. Its 8 megabits of
memory is organized as 1,024,576 words by 8 bits. Manufactured with Atmel’s
advanced nonvolatile CMOS technology, the device offers access times to 110 ns
with power dissipation of just 90 mW over the commercial temperature range. When
the device is deselected, the CMOS standby current is less than 50
µA.
8-Megabit
(1M x 8)
3-volt Only
Flash Memory
AT49BV008
AT49LV008
Rev. 1043A–03/98
Pin Configurations
Pin Name
Function
A0 - A19
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
Ready/Busy Output
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
(continued)
TSOP Top VIew
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A16
A15
A14
A13
A12
A11
A9
A8
WE
RESET
NC
RDY/BUSY
A18
A7
A6
A5
A4
A3
A2
A1
A17
GND
NC
A19
A10
I/O7
I/O6
I/O5
I/O4
VCC
VCC
NC
I/O3
I/O2
I/O1
I/O0
OE
GND
CE
A0
AT49BV/LV008
8-Megabit 1M x
8 3-volt Only


Similar Part No. - AT49LV008

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV001 ATMEL-AT49LV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001 ATMEL-AT49LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV001-12JC ATMEL-AT49LV001-12JC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12PC ATMEL-AT49LV001-12PC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12TC ATMEL-AT49LV001-12TC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV008

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com