Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC15-10 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GBPC15-10
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBPC15-10 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GBPC15-10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBPC15-10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBPC15-10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBPC15-10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- UL Recognized File # E-326243
- Glass passivated junction
- Typical IR less than 0.2uA
- High surge current capability
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IR
uA
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number:DS_D1312015
Version:I13
GBPC 15, 25, 35 SERIES
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
GBPC
Molding compound, UL flammability classification rating 94V-0
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
Polarity:
Polarity as marked on the body
-08
Maximum RMS voltage
Mounting torque:
20 in-lbs maximum
Weight:
16.95 gram (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
UNIT
-06
Peak forward surge current,8.3 ms
GBPC15
single half sine-wave superimposed
GBPC25
on rated load (JEDEC method)
GBPC35
IFSM
A
300
300
400
Maximum instantaneous
GBPC15
7.5A
forward voltage drop per
GBPC25
12.5A
element at specified current
GBPC35 17.5A
(Note 1)
VF
1.1
V
5
Maximum reverse current @ Rated VR
@ TJ=25℃
Typical thermal resistance
1.5
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Note 1:Pulse test with PW=300u sec, 1% duty cycle
Note 2 : Suffix "W" - Wire Lead Structure / "M" - Terminal Location Face to Face
- Integrally molded heatsink provide very low
thermal resistance for maximum heat dissipation
GBPC
GBPC-W
GBPC-M
-005
-01
-02
-04
-10
Maximum average forward rectified current
GBPC15
GBPC25
GBPC35
IF(AV)
A
15
25
35
Maximum DC blocking voltage
Maximum repetitive peak reverse voltage


Similar Part No. - GBPC15-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBPC15-10 ETC2-GBPC15-10 Datasheet
179Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
GBPC15-10 TAITRON-GBPC15-10 Datasheet
179Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBPC15-10 TSC-GBPC15-10 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
TAITRON Components Inco...
GBPC15-10W TAITRON-GBPC15-10W Datasheet
138Kb / 4P
   15A Glass Passivated Bridge Rectifier
More results

Similar Description - GBPC15-10

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com