Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS40P07G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS40P07G
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS40P07G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS40P07G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS40P07G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS40P07G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
- UL Recognized File # E-326243
- Glass passivated junction
- Ideal for printed circuit board
- Typical IR less than 0.1uA
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
SYMBOL
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2TA2sec
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number:DS_D1308058
Version:B13
TS40P05G thru TS40P07G
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
- Moisture sensitivity: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TS-6P
MECHANICAL DATA
Case:
TS-6P
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free, RoHS compliant
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
Maximum repetitive peak reverse voltage
Maximum RMS voltage
420
560
700
Polarity:
Polarity as marked on the body
Weight:
7.3 gram (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
PARAMETER
Maximum average forward rectified current
40
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
400
600
800
uA
Rating for fusing (t<8.3mS)
664
A
Maximum instantaneous forward voltage (Note 1)
IF= 20 A
VF
V
800
1000
Typical thermal resistance
20
Operating junction temperature range
- 55 to + 150
Maximum DC reverse current
TA=25 ℃
at rated DC blocking voltage
TA=125℃
IR
10
500
Maximum DC blocking voltage
1000
1.1
Storage temperature range
- 55 to + 150
Note 1:Pulse test with PW=300u sec, 1% duty cycle
Mounting torque:
8.17 in-lbs maximum
TS40P05G
TS40P06G
TS40P07G
600


Similar Part No. - TS40P07G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS40P07G TSC-TS40P07G Datasheet
248Kb / 4P
   Glass Passivated Bridge Rectifiers
TS40P07G TSC-TS40P07G Datasheet
224Kb / 4P
   40A, 600V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - TS40P07G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com