Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1052CX6RFG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1052CX6RFG
Description  Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1052CX6RFG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1052CX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1052CX6RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS1052
Constant Voltage and Constant Current Controller
For Battery Chargers and Adaptors
3/8
Version: A12
Typical Adapter or Battery Charger Application Circuit
* In the above application schematic, the TS1052 is used on the secondary side of a fly-back adapter (or battery
charger) to provide an accurate control of voltage and current. The above feedback loop is made with an
optocoupler.
Principle of Operation and Application Hints
Voltage Control
The voltage loop is controlled via a first trans-conductance operational amplifier, the resistor bridge R1, R2, and the
optocoupler which is directly connected to the output.
The relation between the values of R1 & R2 should be chosen as following:
*R1=R2 x Vref / (Vout-Vref)
Where Vout is the desired output voltage.
To Avoid the discharge of the load, the resistor bridge R1 & R2 should be highly resistive. For this type of
application, a total value of 100K
Ω (or more) would be appropriate for the resistors R1 & R2. As an example, with
R2=100K
Ω, Vout=4.10V, Vref=1.21V, then R1=41.9KΩ.
Note that if the low drop diode should be inserted between the load and the voltage regulation resistor bridge to
avoid current flowing from the load through the resistor bridge, this drop should be taken into account into the
above calculations by replacing Vout by (Vout + Vdrop).
TS1052


Similar Part No. - TS1052CX6RFG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS105-1 ETC2-TS105-1 Datasheet
301Kb / 2P
   Thermosensors
logo
TE Connectivity Ltd
TS105-10L5.5MM TEC-TS105-10L5.5MM Datasheet
153Kb / 5P
   For Contactless Temperature Measurement
logo
List of Unclassifed Man...
TS105-2 ETC2-TS105-2 Datasheet
301Kb / 2P
   Thermosensors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1051CSRL TSC-TS1051CSRL Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results

Similar Description - TS1052CX6RFG

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
   Constant voltage and constant current controller for battery chargers and adaptors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com