Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28HC256F-70PC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT28HC256F-70PC
Description  256 32K x 8 High Speed Parallel EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC256F-70PC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT28HC256F-70PC Datasheet HTML 4Page - ATMEL Corporation AT28HC256F-70PC Datasheet HTML 5Page - ATMEL Corporation AT28HC256F-70PC Datasheet HTML 6Page - ATMEL Corporation AT28HC256F-70PC Datasheet HTML 7Page - ATMEL Corporation AT28HC256F-70PC Datasheet HTML 8Page - ATMEL Corporation AT28HC256F-70PC Datasheet HTML 9Page - ATMEL Corporation AT28HC256F-70PC Datasheet HTML 10Page - ATMEL Corporation AT28HC256F-70PC Datasheet HTML 11Page - ATMEL Corporation AT28HC256F-70PC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Note:
1. See Valid Part Number table below.
Ordering Information
(1)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
80
60
AT28HC256(E,F)-70JC
32J
Commercial
AT28HC256(E,F)-70PC
28P6
(0
°C to 70°C)
80
0.3
AT28HC256(E,F)-70JI
32J
Industrial
AT28HC256(E,F)-70PI
28P6
(-40
°C to 85°C)
90
80
0.3
AT28HC256(E,F)-90JC
32J
Commercial
AT28HC256(E,F)-90PC
28P6
(0
°C to 70°C)
80
0.3
AT28HC256(E,F)-90JI
32J
Industrial
AT28HC256(E,F)-90PI
28P6
(-40
°C to 85°C)
80
0.3
AT28HC256(E,F)-90DM/883
28D6
Military/883C
AT28HC256(E,F)-90FM/883
28F
Class B, Fully Compliant
AT28HC256(E,F)-90LM/883
32L
(-55
°C to 125°C)
AT28HC256(E,F)-90UM/883
28U
120
80
0.3
AT28HC256(E,F)-12JC
32J
Commercial
AT28HC256(E,F)-12PC
28P6
(0
°C to 70°C)
AT28HC256(E,F)-12SC
28S
AT28HC256(E,F)-12TC
28T
80
0.3
AT28HC256(E,F)-12JI
32J
Industrial
AT28HC256(E,F)-12PI
28P6
(-40
°C to 85°C)
AT28HC256(E,F)-12SI
28S
AT28HC256(E,F)-12TI
28T
80
0.3
AT28HC256(E,F)-12DM/883
28D6
Military/883C
AT28HC256(E,F)-12FM/883
28F
Class B, Fully Compliant
AT28HC256(E,F)-12LM/883
32L
(-55
°C to 125°C)
AT28HC256(E,F)-12UM/883
28U
90
80
0.3
5962-88634 03 UX
28U
Military/883C
5962-88634 03 XX
28D6
Class B, Fully Compliant
5962-88634 03 YX
32L
(-55
°C to 125°C)
5962-88634 03 ZX
28F
80
0.3
5962-88634 04 UX
28U
Military/883C
5962-88634 04 XX
28D6
Class B, Fully Compliant
5962-88634 04 YX
32L
(-55
°C to 125°C)
5962-88634 04 ZX
28F
120
80
0.3
5962-88634 01 UX
28U
Military/883C
5962-88634 01 XX
28D6
Class B, Fully Compliant
5962-88634 01 YX
32L
(-55
°C to 125°C)
5962-88634 01 ZX
28F
80
0.3
5962-88634 02 UX
28U
Military/883C
5962-88634 02 XX
28D6
Class B, Fully Compliant
5962-88634 02 YX
32L
(-55
°C to 125°C)
5962-88634 02 ZX
28F
AT28HC256
2-289


Similar Part No. - AT28HC256F-70PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256F-70PC ATMEL-AT28HC256F-70PC Datasheet
728Kb / 12P
   256 32K x 8 High Speed CMOS E2PROM
More results

Similar Description - AT28HC256F-70PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256 ATMEL-AT28HC256_08 Datasheet
448Kb / 16P
   256 (32K x 8) High Speed Parallel Parallel
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
   256 (32K x 8) High-speed Parallel EEPROM
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28HC256 ATMEL-AT28HC256 Datasheet
728Kb / 12P
   256 32K x 8 High Speed CMOS E2PROM
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com