Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV1604 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49BV1604
Description  16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV1604 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49BV1604 Datasheet HTML 7Page - ATMEL Corporation AT49BV1604 Datasheet HTML 8Page - ATMEL Corporation AT49BV1604 Datasheet HTML 9Page - ATMEL Corporation AT49BV1604 Datasheet HTML 10Page - ATMEL Corporation AT49BV1604 Datasheet HTML 11Page - ATMEL Corporation AT49BV1604 Datasheet HTML 12Page - ATMEL Corporation AT49BV1604 Datasheet HTML 13Page - ATMEL Corporation AT49BV1604 Datasheet HTML 14Page - ATMEL Corporation AT49BV1604 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AT49BV16X4(T)
11
Operating Modes
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH (x8); 161F (x16), Device Code: C0H (x8); 16CO (x16).
5. See details under Software Product Identification Entry/Exit.
6. The use of the V
PP pin is optional.
Note:
1. In the erase mode, I
CC is 50 mA.
DC and AC Operating Range
AT49BV16X4-90
AT49BV16X4-12
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
2.7V to 3.6V
2.7V to 3.6V
Mode
CE
OE
WE
RESET
V
PP
(6)
Ai
I/O
Read
V
IL
V
IL
V
IH
V
IH
XAi
D
OUT
Program/
Erase
(2)
V
IL
V
IH
V
IL
V
IH
5V
± 10%
Ai
D
IN
Standby/Program
Inhibit
V
IH
X
(1)
XV
IH
X
X
High Z
Program Inhibit
X
X
V
IH
V
IH
V
IL
Program Inhibit
X
V
IL
XV
IH
V
IL
Output Disable
X
VIH
XVIH
X
High Z
Reset
X
X
X
V
IL
X
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
VIH
A1 - A19 = VIL, A9 = VH
(3)
A0 = V
IL
Manufacturer Code
(4)
A1 - A19 = V
IL, A9 = VH
(3)
A0 = VIH
Device Code
(4)
Software
(5)
VIH
A0 = V
IL, A1 - A19 = VIL
Manufacturer Code
(4)
A0 = V
IH, A1 - A19 = VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
10
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
1mA
I
CC
(1)
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
25
mA
I
CCRW
V
CC Read While Write Current
f = 5 MHz; I
OUT = 0 mA
50
mA
VIL
Input Low Voltage
0.8
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
VOH
Output High Voltage
IOH = -400 µA2.4
V


Similar Part No. - AT49BV1604

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604 ATMEL-AT49BV1604 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604-11UI ATMEL-AT49BV1604-11UI Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604-12TC ATMEL-AT49BV1604-12TC Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604-12TI ATMEL-AT49BV1604-12TI Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604-12UC ATMEL-AT49BV1604-12UC Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV1604

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com