Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1457C802E Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1457C802E
Description  Aluminum extrusion has a tolerance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1457C802E Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1457C802E Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM TOP
SECTION G-G
END PANEL - VIEW FROM OUTSIDE
DETAIL J
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
G
G
J
1457C802
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
25.00 mm
[0.984 in]
41.00 mm
[1.614 in]
79.00 mm
[3.110 in]
106.00 mm
[4.173 in]
96.00 mm
[3.780 in]
33.90 mm
[1.335 in]
30.23 mm
[1.190 in]
41.52 mm
[1.635 in]
n3.50 mm x 8.00 mm
v n7.00 mm x 2.00 mm 2X
90.00 mm
[3.543 in]
1.50 mm
[0.059 in]
1.85 - 0.18
0.00
+
mm
0.073 - 0.007
0.000
+
in
[
]
1.72 - 0.18
0.00
+
mm
0.068 - 0.007
0.000
+
in
[
]
5.00 mm
[0.197 in]
52.00 - 0.18
0.00
+
mm
2.047 - 0.007
0.000
+
in
[
]
26.45 - 0.18
0.00
+
mm
1.041 - 0.007
0.000
+
in
[
]
5.85 mm
[0.230 in]
2.00 mm
[0.079 in]
R5.49 mm
[0.216 in]
2X
62.00 mm
[2.441 in]
33.93 mm
[1.336 in]
62.00 mm
[2.441 in]
56.00 - 0.18
0.00
+
mm
2.205 - 0.007
0.000
+
in
[
]
50.31 mm
[1.981 in]
2.00 mm
[0.079 in]
Fits 80mm (3.149") X 55mm (2.165") PCB
Note: Aluminum extrusion has a tolerance of -/+ .02"
80.00 - 0.50
0.54
+
mm
3.150 - 0.02
0.02
+
in
[
]
Inside Face to Face Dimension
n5.00 mm x 0.60 mm 2X
.75mm (.030") Deep Recess For Labels/Keypads etc.
3.49 mm
[0.137 in]
4X
PROTECTION TO IP 65


Similar Part No. - 1457C802E

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1457C801 HAMMOND-1457C801 Datasheet
915Kb / 1P
   Purchased assembly includes box, end panels, stainless steel 6 Taptight screws, self adhesive rubber feet, gaskets and O-Rings
1457C801BK HAMMOND-1457C801BK Datasheet
915Kb / 1P
   Purchased assembly includes box, end panels, stainless steel 6 Taptight screws, self adhesive rubber feet, gaskets and O-Rings
1457C801E HAMMOND-1457C801E Datasheet
915Kb / 1P
   Purchased assembly includes box, end panels, stainless steel 6 Taptight screws, self adhesive rubber feet, gaskets and O-Rings
1457C801EBK HAMMOND-1457C801EBK Datasheet
915Kb / 1P
   Purchased assembly includes box, end panels, stainless steel 6 Taptight screws, self adhesive rubber feet, gaskets and O-Rings
More results

Similar Description - 1457C802E

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1587T12A1 HAMMOND-1587T12A1 Datasheet
161Kb / 1P
   Anodized Aluminum Extrusion
1587H11C1 HAMMOND-1587H11C1 Datasheet
173Kb / 1P
   Anodized Aluminum Extrusion
1585T10C1 HAMMOND-1585T10C1 Datasheet
186Kb / 1P
   Anodized Aluminum Extrusion
1585H16A1 HAMMOND-1585H16A1 Datasheet
196Kb / 1P
   Anodized Aluminum Extrusion
1585H11A1 HAMMOND-1585H11A1 Datasheet
183Kb / 1P
   Anodized Aluminum Extrusion
1588H12C1 HAMMOND-1588H12C1 Datasheet
161Kb / 1P
   Anodized Aluminum Extrusion
1587T24C1 HAMMOND-1587T24C1 Datasheet
193Kb / 1P
   Anodized Aluminum Extrusion
1587T11C1 HAMMOND-1587T11C1 Datasheet
170Kb / 1P
   Anodized Aluminum Extrusion
1587H11A1 HAMMOND-1587H11A1 Datasheet
161Kb / 1P
   Anodized Aluminum Extrusion
1586H10A1 HAMMOND-1586H10A1 Datasheet
171Kb / 1P
   Anodized Aluminum Extrusion
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com