Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4004V6 Datasheet(PDF) 1 Page - Littelfuse

Part # L4004V6
Description  Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4004V6 Datasheet(HTML) 1 Page - Littelfuse

  L4004V6 Datasheet HTML 1Page - Littelfuse L4004V6 Datasheet HTML 2Page - Littelfuse L4004V6 Datasheet HTML 3Page - Littelfuse L4004V6 Datasheet HTML 4Page - Littelfuse L4004V6 Datasheet HTML 5Page - Littelfuse L4004V6 Datasheet HTML 6Page - Littelfuse L4004V6 Datasheet HTML 7Page - Littelfuse L4004V6 Datasheet HTML 8Page - Littelfuse L4004V6 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
51
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Lxx04xx & Qxx04xx Series
Description
Main Features
4 Amp bi-directional solid state switch series is designed
for AC switching and phase control applications such as
motor speed and temperature modulation controls, lighting
controls, and static switching relays.
Sensitive type devices guarantee gate control in Quadrants
I & IV needed for digital control circuitry.
Standard type devices normally operate in Quadrants I & III
triggered from AC line.
Symbol
Value
Unit
I
T(RMS)
4
A
V
DRM/VRRM
400 to 1000
V
I
GT (Q1)
3 to 25
mA
Absolute Maximum Ratings — Sensitive Triacs (4 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current
(full sine wave)
Lxx04Ly / Lxx04Dy
T
C = 85°C
4
A
Lxx04Ry / Lxx04Vy
T
C = 75°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
33
A
f = 60 Hz
t = 16.7 ms
40
I2t
I2t Value for fusing
t
p = 8.3 ms
6.6
A2s
di/dt
Critical rate of rise of on-state current
(I
G = 50mA with ≤ 0.1μs rise time)
f = 120 Hz
T
J = 110°C
50
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs
T
J = 110°C
1.2
A
P
G(AV)
Average gate power dissipation
T
J = 110°C
0.3
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 110
°C
Note: xx = voltage, y = sensitivity
Schematic Symbol
MT2
MT1
G
Applications
Typical applications are AC solid-state switches, power
tools, home/brown goods and white goods appliances.
Sensitive gate Triacs can be directly driven by
microprocessor or popular opto-couplers/isolators.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
Features & Benefits
• RoHS Compliant
• Glass – passivated
junctions
• Voltage capability up to
1000 V
• Surge capability up to
55 A
• Electrically isolated
“L-Package” is UL
recognized for 2500Vrms
• Solid-state switching
eliminates arcing or
contact bounce that
create voltage transients
• No contacts to wear out
from reaction of switching
events
• Restricted (or limited) RFI
generation, depending on
activation point of
sine wave
• Requires only a small gate
activation pulse in each
half-cycle
Agency Approval
Agency
Agency File Number
®
L Package : E71639
®


Similar Part No. - L4004V6

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L4004V6 TECCOR-L4004V6 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L4004V6 LITTELFUSE-L4004V6 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L4004V6 TECCOR-L4004V6 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L4004V6 LITTELFUSE-L4004V6 Datasheet
176Kb / 8P
   Sensitive Triacs
L4004V6 LITTELFUSE-L4004V6 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L4004V6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com