Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV4096 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV4096
Description  4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV4096 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV4096 Datasheet HTML 1Page - ATMEL Corporation AT49BV4096 Datasheet HTML 2Page - ATMEL Corporation AT49BV4096 Datasheet HTML 3Page - ATMEL Corporation AT49BV4096 Datasheet HTML 4Page - ATMEL Corporation AT49BV4096 Datasheet HTML 5Page - ATMEL Corporation AT49BV4096 Datasheet HTML 6Page - ATMEL Corporation AT49BV4096 Datasheet HTML 7Page - ATMEL Corporation AT49BV4096 Datasheet HTML 8Page - ATMEL Corporation AT49BV4096 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
4-Megabit
(256K x 16)
3-volt Only
CMOS Flash
Memory
AT49BV4096
AT49LV4096
Preliminary
Features
Low Voltage Operation
- 2.7V Read
- 5V Program/Erase
Fast Read Access Time - 120 ns
Internal Erase/Program Control
Sector Architecture
- One 8K Words (16K bytes) Boot Block with Programming Lockout
- Two 8K Words (16K bytes) Parameter Blocks
- One 232K Words (464K bytes) Main Memory Array Block
Fast Sector Erase Time - 10 seconds
Word-By-Word Programming - 10 µs/Word
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
- 25 mA Active Current
- 50
µA CMOS Standby Current
Typical 10,000 Write Cycles
Pin Configurations
Pin Name
Function
A0 - A17
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
VPP
Program/Erase
Power Supply
I/O0 - I/O15
Data
Inputs/Outputs
NC
No Connect
The AT49BV4096 and AT49LV4096 are 3-volt, 4-megabit Flash Memories organized
as 256K words of 16 bits each. Manufactured with Atmel’s advanced nonvolatile
CMOS technology, the devices offer access times to 120 ns with power dissipation of
just 67 mW at 2.7V read. When deselected, the CMOS standby current is less than
50
µA.
To allow for simple in-system reprogrammability, the AT49BV4096/LV4096 does not
require high input voltages for programming. Reading data out of the device is similar
to reading from an EPROM; it has standard CE, OE, and WE inputs to avoid bus
Description
(continued)
AT49BV4096/LV4096
A13
A12
A10
A11
A8
NC
A9
NC
NC
NC
RESET
VPP
WE
NC
1
2
4
3
6
5
10
9
7
8
14
13
11
12
I/O3
I/O11
I/O10
I/O2
I/O12
I/O5
I/O4
VCC
I/O6
I/O13
I/O7
I/O14
I/O15
GND
41
40
38
39
36
35
37
44
42
43
46
45
47
48
33
34
I/O1
I/O9
15
16
A17
A7
A6
20
19
I/O8
I/O0
30
29
31
32
17
18
A5
A15
A14
NC
A16
21
22
23
24
25
26
27
28
A4
A3
A2
A1
GND
OE
CE
A0
TSOP Top View
Type 1
RESET
A8
A9
A10
A11
A12
A13
A14
A15
A16
NC
GND
I/O15
I/O7
I/O14
I/O6
I/O13
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
WE
I/O5
I/O12
25
26
NC
A17
A7
A6
A5
A4
A3
A2
A1
GND
I/O0
I/O8
I/O1
I/O9
I/O2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VPP
I/O10
I/O3
19
20
21
22
I/O4
VCC
23
24
CE
OE
I/O11
A0
SOIC (SOP)
0874A–5/97


Similar Part No. - AT49BV4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV4096A ATMEL-AT49BV4096A Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A ATMEL-AT49BV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV4096A-12RC ATMEL-AT49BV4096A-12RC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12RI ATMEL-AT49BV4096A-12RI Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12TC ATMEL-AT49BV4096A-12TC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results

Similar Description - AT49BV4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com