Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

969M101-18-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 969M101-18-4
Description  Hi-Flex Unshielded Cables
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

969M101-18-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  969M101-18-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 969M101-18-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
B
A
Cables with 1-12 wires, from 4 to 38 AWG.
Cicoil’s line of Hi-Flex Unshielded Cables provides the advantages of all Cicoil
flexible silicone cables in a standard, low-cost package. Ultra-flexible, finely stranded
wire conductors are used for maximum flexibility and long life in dynamic, flexing
applications. Cicoil’s exclusive extrusion process, encapsulates the wire conductors
in a crystal clear, flexible, yet extremely durable silicone insulation. Ideal in diverse
applications, including aerospace, festoon systems, food & beverage, forestry, industrial
automation, medical, packaging, printing, pulp & paper and semiconductor.
Dimensions
Number of Conductors
123468
10
12
Dim
Dim
Dim
Dim
Dim
Dim
Dim
Dim
AWG
A
BABABABABABABAB
4
0.50
0.50
0.47
1.77
6
0.44
0.44
0.40
1.47
8
0.39
0.39
0.35
1.26
10
0.33
0.33
0.29
0.92
12
0.30
0.30
0.24
0.58
0.24
0.75
14
0.28
0.28
0.19
0.47
0.19
0.61
0.19
1.16
16
0.26
0.26
0.15
0.26
0.15
0.37
0.15
0.48
0.15
0.70
0.15
0.92
0.15
1.14
0.15
1.36
18
0.25
0.25
0.14
0.24
0.14
0.33
0.14
0.43
0.14
0.62
0.14
0.81
0.14
1.00
0.14
1.19
20
0.24
0.24
0.12
0.20
0.12
0.28
0.12
0.36
0.12
0.51
0.12
0.67
0.12
0.83
0.12
0.99
22
0.23
0.23
0.11
0.18
0.11
0.25
0.11
0.32
0.11
0.45
0.11
0.59
0.11
0.73
0.11
0.87
24
0.22
0.22
0.09
0.15
0.09
0.21
0.09
0.27
0.09
0.38
0.09
0.50
0.09
0.62
0.09
0.74
26
0.22
0.22
0.09
0.14
0.09
0.19
0.09
0.25
0.09
0.35
0.09
0.46
0.09
0.57
28
0.21
0.21
0.08
0.13
0.08
0.18
0.08
0.23
0.08
0.33
0.08
0.43
0.08
0.53
30
0.21
0.21
All dimensions are in inches.
Flexibility
Ultra Flex, tinned copper wire conductors, and
flexible silicone make Cicoil cables highly flex-
ible, making them ideal for flexing
applications requiring a small bend radius.
Long Life
Rated for over 10 million cycles in flexing
applications.
Extreme Environments
Silicone rubber cables operate from -65°C to
260°C, including exposure to water, steam, salt,
and most chemicals. The cables are ideal for
clean room use, and they can also be used in
vacuum environments.
Fire Resistant
Cables are fire resistant, as they meet the UL-94
vertical flame standard, as well as other fire
standards.
Specifications
Electrical
Insulation Resistance: 200 megΩ @ 500Vdc
Dielectric Strength: 450 volts/mil (17.7KV/mm)
Dielectric Constant: 2.8 (nominal)
Environmental
Temperature Rating: -65°C to 260°C
Moisture Rating: Submersible
Vacuum Rating: 5 x 10-5 torrÅ
Outgassing: 0.24 %TML, 0.02 %CVCMÇ
Radiation: 107 Roentgens (exposure)
Acid Resistance: Good
Ozone Resistance: Outstanding
Oil Resistance: Good
Flame Resistance: Good
Water/Steam Resistance: Excellent (Including
salt and DIW)
Alcohol Resistance: Good
Toxins: Halogen-free
Mechanical
Life Expectancy: 10,000,000 cycles, min.É
Minimum Bend Radius (Flexing): 10x cable
thickness (Dimension ‘A’)
Durometer Rating: Shore A, 65
Tensile Strength: 6.5 Mpa (psi)
Tear Strength: 18 kN/m
Approvals
UL Recognized—File #E324413, CE
Notes
1. Cicoil cable can exceed this rating when
specified
2. Cicoil outgassed cables are NASA rated for
space applications (NASA Outgassing spec
1124)
3. Continuous flexing applications
Single Conductor
2 - 12 Conductors
Hi-Flex Unshielded Cables
#0400 5/10 1M
Specifications are nominal
Specifications and Pricing are subject to change
Ordering info on reverse side
LEAD
RoHS
COMPLIANT
CICOIL
SM
ISO/AS9100 Certified
B
B
A


Similar Part No. - 969M101-18-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
969 3M-969 Datasheet
378Kb / 5P
   3M??Shunt
logo
WECO ELECTRICAL CONNECT...
969 WECO-969 Datasheet
62Kb / 1P
   PCB connector Screw connection, large conductor space
11.17
logo
Agilent(Hewlett-Packard...
969-9232 HP-969-9232 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
969-9232 HP-969-9232 Datasheet
619Kb / 3P
   Agilent Quality Assured
969-9236 HP-969-9236 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
More results

Similar Description - 969M101-18-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Molex Electronics Ltd.
E61522 MOLEX1-E61522 Datasheet
118Kb / 2P
   Temp-Flex MediSpec Micro Coaxial Cables
100061 MOLEX1-100061 Datasheet
613Kb / 2P
   Temp-Flex MediSpec High-Density Micro-Ribbon Cables
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
   Computer Cables Adapters Cables
logo
Mini-Circuits
CBL-SERIES MINI-CBL-SERIES Datasheet
236Kb / 3P
   Coaxial-Flex Test Cables 50??DC to 18 GHz
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
   Cables
26 MAY 21 Rev: R
logo
Hammond Manufacturing L...
VCT HAMMOND-VCT Datasheet
59Kb / 1P
   Chemin de cables pour cables verticaux
logo
SICK AG
DOL-0803-G02MCS01 SICK-DOL-0803-G02MCS01 Datasheet
274Kb / 4P
   Connecting cables
DSL-1204-G1M5 SICK-DSL-1204-G1M5 Datasheet
238Kb / 4P
   Connection cables
logo
Balluff Korea Ltd.
BCC0AC9 BALLUFF-BCC0AC9 Datasheet
90Kb / 2P
   Bulk Cables
0.5_2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com