Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1550ABK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1550ABK
Description  Solid models of this enclosure available in STEP or IGES.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1550ABK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1550ABK Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Top View of Assembly
SECTION A-A
Side View of Assembly
SECTION B-B
End View of Assembly
View Looking Inside Lid
Top View Looking Inside Box
\
Unfinished
1550A
Black Textured Polyester Powder Paint
1550ABK
Unfinished
1550WA
Black Textured Polyester Powder Paint
1550WABK
Unfinshed Cover Screws (Pkg 100)
[M3.5 x 0.6 18-8 SS]
1550MS100
NOTE
Purchased assembly includes box, lid, and 4 cover screws.
Box and lid are made from Diecast Aluminum Alloy.
EVA Foam Gasket supplied with Liquid Resistant Enclosures
Recommended Torque: 75 ozf.in / 55 cN.m
PART NUMBERS
1550A Enclosure
Accessories
1550WA Liquid Resistant Enclosure
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
A
A
B
B
1550A
Enclosures can be Factory Modified (Milling, Drilling, Printing etc.)
Contact Factory mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
4.10 mm
[0.161 in]
2.90 mm
[0.114 in]
1.50 mm
[0.059 in]
n4.10 mm
[0.161 in]
23.05 mm
[0.908 in]
30.10 mm
[1.185 in]
85.16 mm
[3.353 in]
(Inner Box Length)
89.00 mm
[3.504 in]
35.00 mm
[1.378 in]
1.45 mm
[0.057 in]
27.10 mm
[1.067 in]
(Inner Box Height)
77.05 mm
[3.034 in]
M3.5 x 0.6
(Threaded Holes)
31.16 mm
[1.227 in]
(Inner Box Width)
79.00 mm
[3.110 in]
25.00 mm
[0.984 in]
86.00 mm
[3.386 in]
32.00 mm
[1.260 in]
19.00 mm
[0.748 in]
73.00 mm
[2.874 in]
1.50 mm
[0.059 in]
(Wall Thickness)
26.00 mm
[1.024 in]


Similar Part No. - 1550ABK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1550ABK HAMMOND-1550ABK Datasheet
575Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
More results

Similar Description - 1550ABK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1457N1201 HAMMOND-1457N1201 Datasheet
279Kb / 1P
   Solid models of this enclosure available in STEP or IGES
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457K1601 HAMMOND-1457K1601 Datasheet
1Mb / 1P
   Solid models of this enclosure available in STEP or IGES
1457C1202 HAMMOND-1457C1202 Datasheet
914Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457C1201 HAMMOND-1457C1201 Datasheet
923Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1602 HAMMOND-1457N1602 Datasheet
250Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1601 HAMMOND-1457N1601 Datasheet
240Kb / 1P
   Solid models of this enclosure available in STEP or IGES
1590D HAMMOND-1590D Datasheet
175Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457K1201 HAMMOND-1457K1201 Datasheet
1Mb / 1P
   Solid models of this enclosure available in STEP or IGES
1457N1202 HAMMOND-1457N1202 Datasheet
281Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com