Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49HBV010-70TI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49HBV010-70TI
Description  1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49HBV010-70TI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49HBV010-70TI Datasheet HTML 3Page - ATMEL Corporation AT49HBV010-70TI Datasheet HTML 4Page - ATMEL Corporation AT49HBV010-70TI Datasheet HTML 5Page - ATMEL Corporation AT49HBV010-70TI Datasheet HTML 6Page - ATMEL Corporation AT49HBV010-70TI Datasheet HTML 7Page - ATMEL Corporation AT49HBV010-70TI Datasheet HTML 8Page - ATMEL Corporation AT49HBV010-70TI Datasheet HTML 9Page - ATMEL Corporation AT49HBV010-70TI Datasheet HTML 10Page - ATMEL Corporation AT49HBV010-70TI Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AT49(H)BV/(H)LV010
10
Ordering Information(1)
Note:
1. The 49(H)BV/(H)LV010 has as optional boot block feature. The part number shown in the Ordering Information table is for
devices with the boot block in the lower address range (i.e., 00000H to 01FFFH). Users requiring the boot block to be in the
higher address range should contact Atmel.
t
ACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
25
0.05
AT49HBV010-70JC
AT49HBV010-70TC
32J
32T
Commercial
(0
°C - 70°C)
25
0.05
AT49HBV010-70JI
AT49HBV010-70TI
32J
32T
Industrial
(-40
°C - 85°C)
90
25
0.05
AT49HBV010-90JC
AT49HBV010-90TC
32J
32T
Commercial
(0
°C - 70°C)
25
0.05
AT49HBV010-90JI
AT49HBV010-90TI
32J
32T
Industrial
(-40
°C - 85°C)
120
25
0.05
AT49BV010-12JC
AT49BV010-12TC
32J
32T
Commercial
(0
°C - 70°C)
25
0.05
AT49BV010-12JI
AT49BV010-12TI
32J
32T
Industrial
(-40
°C - 85°C)
150
25
0.05
AT49BV010-15JC
AT49BV010-15TC
32J
32T
Commercial
(0
°C - 70°C)
25
0.05
AT49BV010-15JI
AT49BV010-15TI
32J
32T
Industrial
(-40
°C - 85°C)
Package Type
32J
32-Lead, Plastic J-Leaded Chip Carrier Package (PLCC)
32T
32-Lead, Thin Small Outline Package (TSOP)


Similar Part No. - AT49HBV010-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49HF010 ATMEL-AT49HF010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JC ATMEL-AT49HF010-45JC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JI ATMEL-AT49HF010-45JI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PC ATMEL-AT49HF010-45PC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PI ATMEL-AT49HF010-45PI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49HBV010-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
   1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com