Electronic Components Datasheet Search |
|
AT49BV1604-90TC Datasheet(PDF) 6 Page - ATMEL Corporation |
|
AT49BV1604-90TC Datasheet(HTML) 6 Page - ATMEL Corporation |
6 / 18 page AT49BV16X4(T) 6 Notes: 1. The DATA FORMAT in each bus cycle is as follows: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex). The ADDRESS FORMAT in each bus cycle is as follows: A15 - A0 (Hex), A-1, A14 - A19 (Don’t Care). 2. Either one of the Product ID Exit commands can be used. 3. SA = sector address. Any byte/word address within a sector can be used to designate the sector address (see next four pages for details). 4. When the sector programming lockout feature is not enabled, the sector will erase (from the same sector erase command). Once the sector has been protected, data in the protected sectors cannot be changed unless the RESET pin is taken to 12V ± 0.5V. 5. PA is the plane address (A19 - A18). Command Definition in (Hex)(1) Command Sequence Bus Cycles 1st Bus Cycle 2nd Bus Cycle 3rd Bus Cycle 4th Bus Cycle 5th Bus Cycle 6th Bus Cycle Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read 1 Addr D OUT Chip Erase 6 5555 AA 2AAA 55 5555 80 5555 AA 2AAA 55 5555 10 Sector Erase 6 5555 AA 2AAA 55 5555 80 5555 AA 2AAA 55 SA(3)(4) 30 Byte/Word Program 4 5555 AA 2AAA 55 5555 A0 Addr D IN Bypass Unlock 6 5555 AA 2AAA 55 5555 80 5555 AA 2AAA 55 5555 A0 Single Pulse Byte/Word Program 1 Addr D IN Sector Lockout 6 5555 AA 2AAA 55 5555 80 5555 AA 2AAA 55 SA(3)(4) 40 Erase Suspend 1 xxxx B0 Erase Resume 1 PA(5) 30 Product ID Entry 3 5555 AA 2AAA 55 5555 90 Product ID Exit(2) 3 5555 AA 2AAA 55 5555 F0 Product ID Exit(2) 1 xxxx F0 Absolute Maximum Ratings* Temperature Under Bias ................................ -55°C to +125°C *NOTICE: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent dam- age to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Storage Temperature ..................................... -65°C to +150°C All Input Voltages (including NC Pins) with Respect to Ground ...................................-0.6V to +6.25V All Output Voltages with Respect to Ground .............................-0.6V to V CC + 0.6V Voltage on OE with Respect to Ground ...................................-0.6V to +13.5V |
Similar Part No. - AT49BV1604-90TC |
|
Similar Description - AT49BV1604-90TC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |