Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV4096AT-12RI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49BV4096AT-12RI
Description  4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV4096AT-12RI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49BV4096AT-12RI Datasheet HTML 1Page - ATMEL Corporation AT49BV4096AT-12RI Datasheet HTML 2Page - ATMEL Corporation AT49BV4096AT-12RI Datasheet HTML 3Page - ATMEL Corporation AT49BV4096AT-12RI Datasheet HTML 4Page - ATMEL Corporation AT49BV4096AT-12RI Datasheet HTML 5Page - ATMEL Corporation AT49BV4096AT-12RI Datasheet HTML 6Page - ATMEL Corporation AT49BV4096AT-12RI Datasheet HTML 7Page - ATMEL Corporation AT49BV4096AT-12RI Datasheet HTML 8Page - ATMEL Corporation AT49BV4096AT-12RI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AT49BV004(T)/4096A(T)
3
AT49BV004(T) Block Diagram
AT49BV4096A(T) Block Diagram
Device Operation
READ: The AT49BV004(T)/4096A(T) is accessed like an
EPROM. When CE and OE are low and WE is high, the
data stored at the memory location determined by the
address pins is asserted on the outputs. The outputs are
put in the high impedance state whenever CE or OE is
high. This dual-line control gives designers flexibility in pre-
venting bus contention.
COMMAND SEQUENCES: When the device is first pow-
ered on it will be reset to the read or standby mode
depending upon the state of the control line inputs. In order
to perform other device functions, a series of command
sequences are entered into the device. The command
sequences are shown in the Command Definitions table
(I/O8 - I/O15 are don’t care inputs for the command codes).
The command sequences are written by applying a low
pulse on the WE or CE input with CE or WE low (respec-
tively) and OE high. The address is latched on the falling
edge of CE or WE, whichever occurs last. The data is
latched by the first rising edge of CE or WE. Standard
microprocessor write timings are used. The address loca-
tions used in the command sequences are not affected by
entering the command sequences.
RESET: A RESET input pin is provided to ease some sys-
tem applications. When RESET is at a logic high level, the
V
CC
GND
OE
CONTROL
LOGIC
DATA INPUTS/OUTPUTS
I/O0 - I/O7
DATA INPUTS/OUTPUTS
I/O0 - I/O7
WE
CE
RESET
ADDRESS
INPUTS
Y DECODER
INPUT/OUTPUT
BUFFERS
INPUT/OUTPUT
BUFFERS
PROGRAM DATA
LATCHES
PROGRAM DATA
LATCHES
Y-GATING
AT49BV004
AT49BV004T
Y-GATING
7FFFF
7FFFF
MAIN MEMORY
(480K BYTES)
BOOT BLOCK
16K BYTES
PARAMETER
BLOCK 2
8K BYTES
PARAMETER
BLOCK 1
8K BYTES
PARAMETER
BLOCK 1
8K BYTES
PARAMETER
BLOCK 2
8K BYTES
BOOT BLOCK
16K BYTES
MAIN MEMORY
480K BYTES
08000
07FFF
7C000
7BFFF
06000
05FFF
7A000
79FFF
X DECODER
04000
03FFF
78000
77FFF
00000
00000
V
PP
V
PP
V
CC
GND
OE
CONTROL
LOGIC
DATA INPUTS/OUTPUTS
I/O0 - I/O7 – I/O0 - I/O15
DATA INPUTS/OUTPUTS
I/O0 - I/O7 – I/O0 - I/O15
WE
CE
RESET
ADDRESS
INPUTS
Y DECODER
INPUT/OUTPUT
BUFFERS
INPUT/OUTPUT
BUFFERS
PROGRAM DATA
LATCHES
PROGRAM DATA
LATCHES
Y-GATING
AT49BV4096A
AT49BV4096AT
Y-GATING
3FFFF
3FFFF
MAIN MEMORY
(240K WORDS)
BOOT BLOCK
8K WORDS
PARAMETER
BLOCK 2
4K WORDS
PARAMETER
BLOCK 1
4K WORDS
PARAMETER
BLOCK 1
4K WORDS
PARAMETER
BLOCK 2
4K WORDS
BOOT BLOCK
8K WORDS
MAIN MEMORY
(240K WORDS)
04000
03FFF
3E000
3DFFF
03000
02FFF
3D000
3CFFF
X DECODER
02000
01FFF
3C000
3BFFF
00000
00000


Similar Part No. - AT49BV4096AT-12RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV4096A ATMEL-AT49BV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV4096AT-12RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com