Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFB312G45SG7A572 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LFB312G45SG7A572
Description  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB312G45SG7A572 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LFB312G45SG7A572 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFB312G45SG7A572 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFB312G45SG7A572 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFB312G45SG7A572 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFB312G45SG7A572 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFB312G45SG7A572 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFB312G45SG7A572 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFB312G45SG7A572 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFB312G45SG7A572 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Filters for Communication Equipment
7
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFB182G45SG9A246
2450
fo
±50
2.2 max. (at 25
°C)
24.5 min. at 880~960MHz
12.5 min. at 1710~1990MHz
LFB185G78SGAB713
5787.5
fo
±62.5
2.2 max. (at 25
°C)
16.5 min. at 4800MHz
23.5 min. at 11450~11700MHz
LFB211G90SG8B704
1906.5
fo
±13.5
3.0 max. (at 25
°C)
20 min. at 1660.5~1686.3MHz
11 min. at 2126.8~2152.6MHz
LFB212G45SG8A127
2450
fo
±50
1.5 max. (at 25
°C)
25 min. at 1200~1300MHz
10.0 min. at 2000MHz
LFB212G45SG8A166
2450
fo
±50
1.4 max. (at 25
°C)
30 min. at 880~915MHz
30 min. at 1710~1910MHz
LFB212G45SG8A192
2450
fo
±50
2.6 max. (at 25
°C)
40 min. at 880~960MHz
38 min. at 1710~1990MHz
LFB215G12SG8A178
5125
fo
±225
1.5 max. (at 25
°C)
25 min. at 4200MHz
17 min. at 2x(fo
±225)MHz
LFB215G12SG8A183
5125
fo
±225
1.5 max. (at 25
°C)
10.0 min. at 4250MHz
10.0 min. at 5900MHz
LFB215G25SG8A144
5250
fo
±100.0
1.5 max. (at 25
°C)
30 min. at 3450MHz
-
LFB215G37SG8A180
5375
fo
±475
1.8 max. (at 25
°C)
29.5 min. at 500~4000MHz
34.5 min. at 3450MHz
LFB215G37SG8A185
5375
fo
±475
2.2 max. (at 25
°C)
40 min. at 340~1195MHz
21 min. at 2140~3580MHz
LFB215G51SG8A132
5512
fo
±363
1.9 max. (at 25
°C)
30 min. at 500~4000MHz
20 min. at 4600MHz
LFB215G51SG8A154
5512
fo
±363
1.5 max. (at 25
°C)
30 min. at 500~4000MHz
20 min. at 4600MHz
LFB215G78SG8A170
5787.5
fo
±62.5
2.2 max. (at 25
°C)
35 min. at 3275~3400MHz
37 min. at 2x(fo
±62.5)MHz
LFB2H1G90SG6A157
1906.5
fo
±13.5
1.5 max. (at 25
°C)
14 min. at 1687MHz
6 min. at 2126MHz
LFB2H2G45SG7A134
2450
fo
±50
1.7 max. (at 25
°C)
25 min. at 1750MHz
25 min. at 2100MHz
LFB2H2G45SG7A135
2450
fo
±50
2.7 max. (at 25
°C)
40 min. at 880~915MHz
40 min. at 1710~1950MHz
LFB2H2G45SG7A158
2450
fo
±50
1.2 max. (at 25
°C)
30 min. at 880~915MHz
30 min. at 1710~1785MHz
LFB2H2G45SG7A159
2450
fo
±50
2.1 max. (at 25
°C)
45 min. at 880~915MHz
48 min. at 1710~1990MHz
LFB2H2G45SG7A204
2450
fo
±50
3 max. (at 25
°C)
45 min. at 880~915MHz
27 min. at 1710~1990MHz
LFB2H5G78SG7A175
5787.5
fo
±62.5
2.5 max. (at 25
°C)
51.5 min. at 902~928MHz
41 min. at 3919~4044MHz
LFB311G48SG1-985
1489
fo
±12.0
1.5 max. (at 25
°C)
25 min. at (fo
±12.0)+260MHz
28 min. at 1749MHz
LFB311G90SG1-799
1906.5
fo +24.5/-13.5MHz 2.5 max. (at 25
°C)
40 min. at 1397.05~1422.85MHz
35 min. at 1645.5~1671.3MHz
LFB311G90SG2-797
1906.5
fo
±13.5
2.7 max. (at 25
°C)
40 min. at 1427~1454MHz
35 min. at 1660~1687MHz
LFB311G95SG3A564
1950
fo
±30
3.5 max. (at 25
°C)
20 min. at 2110~2170MHz
25 min. at 2490~2550MHz
LFB312G45SG2A509
2450
fo
±50
2 max. (at 25
°C)
38 min. at 902~928MHz
15 min. at 2100~2200MHz
LFB312G45SG7A572
2450
fo
±50
2.5 max. (at 25
°C)
37 min. at 902~928MHz
20 min. at 2100~2200MHz
o LFB31_SL Series (1206)
(in mm)
3.2
±0.15
1.1
±0.1
0.5
±0.1
0.25
0.45
±0.15
1.0
±0.1
0.35
±0.15
NC
IN
GND
* All the technical data and information contained herein are
subject to change without prior notice.
OUT
(2)
(3)
(1)
(6)
(5)
(7)
(8)
(4)
(1)(3)(5)(7) :
(2)(6) :
(4) :
(8) :
+0.1
-0.15
0.25
+0.1
-0.15
Frequency Characteristics
0.65
1.4
Frequency Range (GHz)
60
70
50
30
10
0
40
20
10
70
50
60
40
30
20
0
2.15
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFB311G40SL1A562
1402.5
fo
±77.5
3 max. (at 25
°C)
20 min. at 1005~1080MHz
20 min. at 1725~1760MHz
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - LFB312G45SG7A572

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB312G45SG7A572 MURATA-LFB312G45SG7A572 Datasheet
129Kb / 9P
   Filters for Communication Equipment
LFB312G45SG7A572 MURATA-LFB312G45SG7A572 Datasheet
481Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB312G45SG7A572 MURATA1-LFB312G45SG7A572 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFB312G45SG7A572 MURATA1-LFB312G45SG7A572 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB312G45SG7A572 MURATA1-LFB312G45SG7A572 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

Similar Description - LFB312G45SG7A572

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com