Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0156BA02422S Datasheet(PDF) 3 Page - API Technologies Corp

Part # SF0156BA02422S
Description  156 MHz SAW Filter 10 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0156BA02422S Datasheet(HTML) 3 Page - API Technologies Corp

  SF0156BA02422S Datasheet HTML 1Page - API Technologies Corp SF0156BA02422S Datasheet HTML 2Page - API Technologies Corp SF0156BA02422S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
156 MHz SAW Filter
10 MHz Bandwidth
Part Number: SF0156BA02422S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0156BA02422S Rev A
11-Mar-2010
ECN 36650
Page 3 of 3
PACKAGE OUTLINE
SUGGESTED FOOTPRINT
ISO 9001
Registered
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2010 All rights reserved.
Package Material:
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 µm min,
over a 1.3-8.9 µm Ni plating
Units: mm
Tolerances are
±0.15 mm except
where indicated and for the
overall length and width, which
are nominal values.
Pad Configuration:
Input:
11
Output:
5
Ground:
All other pads


Similar Part No. - SF0156BA02422S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0156BA02421S ICST-SF0156BA02421S Datasheet
86Kb / 3P
   156.00 MHz Bandpass Filter 9.4 MHz bandwidth
logo
API Technologies Corp
SF0156BA02421S APITECH-SF0156BA02421S Datasheet
170Kb / 3P
   156 MHz SAW Filter 9.4 MHz Bandwidth
More results

Similar Description - SF0156BA02422S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0156BA02421S APITECH-SF0156BA02421S Datasheet
170Kb / 3P
   156 MHz SAW Filter 9.4 MHz Bandwidth
SF0048BA02644S APITECH-SF0048BA02644S Datasheet
186Kb / 3P
   48 MHz SAW Filter 10 MHz Bandwidth
SF0140BA02487S APITECH-SF0140BA02487S Datasheet
161Kb / 3P
   140 MHz SAW Filter 10 MHz Bandwidth
SF0070BA03089S APITECH-SF0070BA03089S Datasheet
172Kb / 3P
   70 MHz SAW Filter 10 MHz Bandwidth
SF0044BA01954T APITECH-SF0044BA01954T Datasheet
109Kb / 3P
   44.1 MHz SAW Filter 10 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02503S SPECTRUM-SF0869BA02503S Datasheet
201Kb / 3P
   869 MHz SAW Filter 10 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02503S APITECH-SF0869BA02503S Datasheet
201Kb / 3P
   869 MHz SAW Filter 10 MHz Bandwidth
SF0250BA03223S APITECH-SF0250BA03223S Datasheet
176Kb / 3P
   249.6 MHz SAW Filter 10 MHz Bandwidth
SF0326BA03198S APITECH-SF0326BA03198S Datasheet
222Kb / 3P
   326.4 MHz SAW Filter 10 MHz Bandwidth
SF0239CD03100S APITECH-SF0239CD03100S Datasheet
167Kb / 3P
   238.5 MHz SAW Filter 10 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com