Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0156BA02421S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0156BA02421S
Description  156 MHz SAW Filter 9.4 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0156BA02421S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0156BA02421S Datasheet HTML 1Page - API Technologies Corp SF0156BA02421S Datasheet HTML 2Page - API Technologies Corp SF0156BA02421S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
156 MHz SAW Filter
9.4 MHz Bandwidth
Part Number: SF0156BA02421S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0156BA02421S Rev A 11-Mar-2010
ECN 36650
Page 1 of 3
DESCRIPTION
156 MHz SAW bandpass filter with 9.4 MHz bandwidth.
13.3 x 6.5 mm LCC package.
RoHS compliant.
TYPICAL PERFORMANCE
Horizontal:
Frequency :
5
MHz/div
Vertical from Top:
Relative Magnitude :
10
dB/div
Relative magnitude :
1
dB/div
Phase Linearity :
5
deg/div
Group Delay Deviation :
100
ns/div
S11 (131 to 181 MHz)
S22 (131 to 181 MHz)


Similar Part No. - SF0156BA02421S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0156BA02421S ICST-SF0156BA02421S Datasheet
86Kb / 3P
   156.00 MHz Bandpass Filter 9.4 MHz bandwidth
More results

Similar Description - SF0156BA02421S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0156BA02422S APITECH-SF0156BA02422S Datasheet
171Kb / 3P
   156 MHz SAW Filter 10 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0156BA02421S ICST-SF0156BA02421S Datasheet
86Kb / 3P
   156.00 MHz Bandpass Filter 9.4 MHz bandwidth
logo
Transko Electronics, In...
TL1410V TRANSKO-TL1410V Datasheet
489Kb / 3P
   Low-Loss 140.00 MHz IF SAW Filter / 9.4 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
RF Monolithics, Inc
SF2064A RFM-SF2064A Datasheet
125Kb / 5P
   156 MHz SAW Filter
SF2063A RFM-SF2063A Datasheet
419Kb / 4P
   156 MHz SAW Filter
SF2157A RFM-SF2157A Datasheet
434Kb / 5P
   156 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2063A MURATA-SF2063A Datasheet
419Kb / 4P
   156 MHz SAW Filter
SF2157A MURATA-SF2157A Datasheet
434Kb / 5P
   156 MHz SAW Filter
SF2064A MURATA-SF2064A Datasheet
125Kb / 5P
   156 MHz SAW Filter
logo
Integrated Technology F...
250926B ITF-250926B Datasheet
166Kb / 2P
   Typical 1dB bandwidth of 9.4 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com