Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F001-55TC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49F001-55TC
Description  1-Megabit 128K x 8 5-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F001-55TC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49F001-55TC Datasheet HTML 4Page - ATMEL Corporation AT49F001-55TC Datasheet HTML 5Page - ATMEL Corporation AT49F001-55TC Datasheet HTML 6Page - ATMEL Corporation AT49F001-55TC Datasheet HTML 7Page - ATMEL Corporation AT49F001-55TC Datasheet HTML 8Page - ATMEL Corporation AT49F001-55TC Datasheet HTML 9Page - ATMEL Corporation AT49F001-55TC Datasheet HTML 10Page - ATMEL Corporation AT49F001-55TC Datasheet HTML 11Page - ATMEL Corporation AT49F001-55TC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AT49F001(N)(T)
8
AC Byte Load Waveforms
WE Controlled
CE Controlled
AC Byte Load Characteristics
Symbol
Parameter
Min
Max
Units
t
AS, tOES
Address, OE Set-up Time
0
ns
t
AH
Address Hold Time
50
ns
t
CS
Chip Select Set-up Time
0
ns
t
CH
Chip Select Hold Time
0
ns
t
WP
Write Pulse Width (WE or CE)90
ns
t
DS
Data Set-up Time
50
ns
t
DH, tOEH
Data, OE Hold Time
0ns
t
WPH
Write Pulse Width High
90
ns
tDH
tDS
tAS
tAH
tWP
CE
ADDRESS
DATA IN
OE
tOES
tOEH
WE
tCS
tCH
tWPH
tDH
tDS
tAS
tAH
tWP
WE
ADDRESS
DATA IN
OE
tOES
tOEH
CE
tCS
tCH
tWPH


Similar Part No. - AT49F001-55TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45JI ATMEL-AT49F001A-45JI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45TI ATMEL-AT49F001A-45TI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45VI ATMEL-AT49F001A-45VI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-55JI ATMEL-AT49F001A-55JI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results

Similar Description - AT49F001-55TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com