Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F008-90TI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT49F008-90TI
Description  8-Megabit 1M x 8 5-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F008-90TI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49F008-90TI Datasheet HTML 1Page - ATMEL Corporation AT49F008-90TI Datasheet HTML 2Page - ATMEL Corporation AT49F008-90TI Datasheet HTML 3Page - ATMEL Corporation AT49F008-90TI Datasheet HTML 4Page - ATMEL Corporation AT49F008-90TI Datasheet HTML 5Page - ATMEL Corporation AT49F008-90TI Datasheet HTML 6Page - ATMEL Corporation AT49F008-90TI Datasheet HTML 7Page - ATMEL Corporation AT49F008-90TI Datasheet HTML 8Page - ATMEL Corporation AT49F008-90TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AT49F008
4
Notes:
1. The 16K byte boot sector has the address range 00000H to 03FFFH.
2. Either one of the Product ID Exit commands can be used.
Command Definition (in Hex)
Command
Sequence
Bus
Cycles
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
Addr
DOUT
Chip Erase
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
10
Byte Program
4
5555
AA
2AAA
55
5555
A0
Addr
DIN
Boot Block Lockout(1)
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
40
Product ID Entry
3
5555
AA
2AAA
55
5555
90
Product ID Exit(2)
3
5555
AA
2AAA
55
5555
F0
Product ID Exit(2)
1
XXXX
F0
Absolute Maximum Ratings*
Temperature Under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground ............................ -0.6V to VCC + 0.6V
Voltage on OE
with Respect to Ground ...................................-0.6V to +13.5V


Similar Part No. - AT49F008-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A-12CC ATMEL-AT49F008A-12CC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A-12CI ATMEL-AT49F008A-12CI Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A-12TC ATMEL-AT49F008A-12TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F008-90TI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com