Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F020 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49F020
Description  2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F020 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49F020 Datasheet HTML 1Page - ATMEL Corporation AT49F020 Datasheet HTML 2Page - ATMEL Corporation AT49F020 Datasheet HTML 3Page - ATMEL Corporation AT49F020 Datasheet HTML 4Page - ATMEL Corporation AT49F020 Datasheet HTML 5Page - ATMEL Corporation AT49F020 Datasheet HTML 6Page - ATMEL Corporation AT49F020 Datasheet HTML 7Page - ATMEL Corporation AT49F020 Datasheet HTML 8Page - ATMEL Corporation AT49F020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AT49F020
5
AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3. t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
Input Test Waveforms and Measurement Level
Output Test Load
Note:
1. This parameter is characterized and is not 100% tested.
AC Read Characteristics
AT49F020-55
AT49F020-70
AT49F020-90
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
t
ACC
Address to Output Delay
55
70
90
ns
t
CE
(1)
CE to Output Delay
55
70
90
ns
t
OE
(2)
OE to Output Delay
0
30
0
35
0
40
ns
t
DF
(3)(4)
CE or OE to Output Float
025025025
ns
t
OH
Output Hold from OE, CE or
Address, whichever occurred first
000
ns
Pin Capacitance(1)
(f = 1 MHz, T = 25°C)
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V
ADDRESS
CE
OUTPUT
OE
OUTPUT VALID
tACC
ADDRESS VALID
HIGH Z
tDF
tCE
tOH
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.0V
1.5V
3.0V
tR, tF < 5 ns
100 pF
1.3K
1.8K
5.0V
OUTPUT
PIN


Similar Part No. - AT49F020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JC ATMEL-AT49F001-12JC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JI ATMEL-AT49F001-12JI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PC ATMEL-AT49F001-12PC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PI ATMEL-AT49F001-12PI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com