Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFL215G37TC1A210 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # LFL215G37TC1A210
Description  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFL215G37TC1A210 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  LFL215G37TC1A210 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFL215G37TC1A210 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFL215G37TC1A210 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFL215G37TC1A210 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFL215G37TC1A210 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFL215G37TC1A210 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFL215G37TC1A210 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFL215G37TC1A210 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFL215G37TC1A210 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Filters for Communication Equipment
7
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFB321G66SB1-560
1662
fo
±12.5
2 max. (at 25
°C)
27 min. at 1895~1918MHz
20 min. at 2xfo MHz
LFB321G89SB1-591
1890
fo
±10.0
1.2 max. (at 25
°C)
21 min. at 1655~1675MHz
15 min. at 2xfo MHz
LFB321G90SB1-559
1907.5
fo
±12.5
1.0 max. (at 25
°C)
35 min. at 1397.5~1440MHz
20 min. at 1646~1680MHz
o LFB32_SC Series (1210)
3.2
±0.2
(2)
(4)
(8)
(1) : NC
(2) : GND
(3) : NC
(4) : OUT
1.5
±0.15
0.4
±0.2
(5) : NC
(6) : GND
(7) : NC
(8) : IN
1.0
±0.2
0.1 min.
(1)
(3)
(6)
(7)
(5)
0.55
±0.15
0.45
±0.15
* Terminal of "NC" should not be connected to any pattern.
(in mm)
Frequency Characteristics
10
20
30
40
50
60
70
80
50
300
550
Frequency (MHz)
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFB32284MSC1-596
284
fo
±4
3.8 max. (at 25
°C)
31 min. at 220~228MHz
23 min. at 340~348MHz
LFB32312MSC1-597
312.25
fo
±1.0
3.5 max. (at 25
°C)
26 min. at 249.8MHz
26 min. at 374.7MHz
LFB32315MSC1-604
315
fo
±0.5
3.5 max. (at 25
°C)
45 min. at 180MHz
29 min. at 470MHz
LFB32315MSC1-619
315
fo
±0
3.5 max. (at 25
°C)
30 min. at 235MHz
30 min. at 395MHz
LFB32426MSC1-603
426.5
fo
±0.5
3.6 max. (at 25
°C)
25 min. at 366.5MHz
20 min. at 486.5MHz
LFB32820MSC2-749
820
fo
±10.0
1.3 max. (at 25
°C)
22 min. at 1070~1090MHz
-
LFB32847MSC2-766
847.5
fo
±37.5
1.5 max. (at 25
°C)
16 min. at 550~625MHz
15 min. at 1070~1145MHz
o LFB32_SJ Series (1210)
(in mm)
IN
GND
OUT
* All the technical data and information contained herein are
subject to change without prior notice.
(1)
(3)
(4)
(2)
3.2
±0.2
1.5
±0.2
0.8
±0.2
0.4
±0.3
0.4min.
1.2
±0.3
(2)(4) :
(1) :
(3) :
Frequency Characteristics
1.1
1.6
Frequency Range (GHz)
60
70
50
30
10
0
40
20
10
70
50
60
40
30
20
0
2.1
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
LFB321G47SJ1-794
1472
fo
±20
1.3 max. (at 25
°C)
30 min. at 1172MHz
-
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - LFL215G37TC1A210

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL215G37TC1A210 MURATA-LFL215G37TC1A210 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFL215G37TC1A210 MURATA1-LFL215G37TC1A210 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFL215G37TC1A210 MURATA1-LFL215G37TC1A210 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
LFL215G37TC1A210 MURATA1-LFL215G37TC1A210 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFL215G37TC1A210

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com