Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV040-20VC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49BV040-20VC
Description  4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV040-20VC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49BV040-20VC Datasheet HTML 4Page - ATMEL Corporation AT49BV040-20VC Datasheet HTML 5Page - ATMEL Corporation AT49BV040-20VC Datasheet HTML 6Page - ATMEL Corporation AT49BV040-20VC Datasheet HTML 7Page - ATMEL Corporation AT49BV040-20VC Datasheet HTML 8Page - ATMEL Corporation AT49BV040-20VC Datasheet HTML 9Page - ATMEL Corporation AT49BV040-20VC Datasheet HTML 10Page - ATMEL Corporation AT49BV040-20VC Datasheet HTML 11Page - ATMEL Corporation AT49BV040-20VC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AT49BV/LV040
10
Software Product
Identification Exit(1)
Notes for software product identification:
1.
Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2.
A1 - A18 = VIL.
Manufacture Code is read for A0 = VIL;
Device Code is read for A0 = VIH.
3.
The device does not remain in identification mode if
powered down.
4.
The device returns to standard operation mode.
5.
Manufacturer Code: 1FH
Device Code: 13H (AT49BV/LV040), 12H
(AT49BV/LV040T).
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA F0
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
EXIT PRODUCT
IDENTIFICATION
MODE
(4)
OR
LOAD DATA AA
TO
ADDRESS 5555
EXIT PRODUCT
IDENTIFICATION
MODE
(4)
Boot Block Lockout
Feature Enable Algorithm(1)
Notes for boot block lockout feature enable:
1.
Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2.
Boot block lockout feature enabled.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
(2)
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 40
TO
ADDRESS 5555
PAUSE 1 second
Software Product
Identification Entry(1)
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 90
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
ENTER PRODUCT
IDENTIFICATION
MODE
(2)(3)(4)


Similar Part No. - AT49BV040-20VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040-12JC ATMEL-AT49BV040-12JC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12JI ATMEL-AT49BV040-12JI Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12TC ATMEL-AT49BV040-12TC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12TI ATMEL-AT49BV040-12TI Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12VC ATMEL-AT49BV040-12VC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV040-20VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV512 ATMEL-AT49BV512 Datasheet
118Kb / 11P
   512K 64K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com