Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-D14LR Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E32-D14LR
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D14LR Datasheet(HTML) 4 Page - Omron Electronics LLC

  E32-D14LR Datasheet HTML 1Page - Omron Electronics LLC E32-D14LR Datasheet HTML 2Page - Omron Electronics LLC E32-D14LR Datasheet HTML 3Page - Omron Electronics LLC E32-D14LR Datasheet HTML 4Page - Omron Electronics LLC E32-D14LR Datasheet HTML 5Page - Omron Electronics LLC E32-D14LR Datasheet HTML 6Page - Omron Electronics LLC E32-D14LR Datasheet HTML 7Page - Omron Electronics LLC E32-D14LR Datasheet HTML 8Page - Omron Electronics LLC E32-D14LR Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
4
Selection Guide
Fiber Units
Amplifier Units
Detection
conditions
Environmental
conditions
■ High-temperature environ-
ments (up to 400ºC)
■ Environments subject to scat-
tering of chemicals and oil
■ Vacuum environments
■ Workpiece presence
■ Positioning
■ Level differences and marks
Standard Models
P.6
Environment-resistive Models
P.14
■ Long-distance sensing, resistance to
dust and dirt
■ Small beam, resistance to rattling
■ Detection of transparent objects
Special-beam Models
P.10
■ Labels
■ Liquid level
■ Alignment and mapping of glass sub-
strates
■ Wafer mapping
Application-corresponding Models
P.16
Type
Digital
Manual
Appearance
Response
time
48 µs, 1 ms, or 4 ms
(2-output models: 80 µs, 1 ms, or 4 ms)
100
μs, 1 ms, or 4 ms
200 µs
(high-speed models: 20 µs)
Light source Red, green, blue, or infrared LED
Red or green LED
Function
Dual display (including digital, bar, percent, and hold display functions)
Threshold adjustment performed manually or by teaching
OFF-delay, ON-delay, one-shot timer (adjustable from 1 ms to 5 s)
LED bar display (5 levels)
8-turn sensitivity adjuster
OFF delay timer (fixed at 40 ms)
Advanced-function models are
available (2-output/input models).
Water-resistant models are available.
Models
E3X-DA
@-S
E3X-DA
@TW-S (2-output model)
E3X-DA
@RM-S (input model)
E3X-MDA
@
E3X-NA
@
E3X-NA
@F (high-speed model)
E3X-NA
@V (water-resistant model)
Fiber Units
Amplifier Units
Standard environments
Special environments
Standard
detection
Workpiece
presence
Positioning
Level
differences
Marks
Workpiece
presence
Positioning
Level
difference
Special-
beam
High power
Small spot
Area sensing Retroreflective
sensing
Application-
corresponding
Labels
Liquid level
Alignment
Mapping
2-channel
models
We have developed
model variations for
handling a broad
range of applications.


Similar Part No. - E32-D14LR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D14L OMRON-E32-D14L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D14L OMRON-E32-D14L Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-D14LR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D22B OMRON-E32-D22B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
   The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com