Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX674A Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # EE-SX674A
Description  Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX674A Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button EE-SX674A Datasheet HTML 5Page - Omron Electronics LLC EE-SX674A Datasheet HTML 6Page - Omron Electronics LLC EE-SX674A Datasheet HTML 7Page - Omron Electronics LLC EE-SX674A Datasheet HTML 8Page - Omron Electronics LLC EE-SX674A Datasheet HTML 9Page - Omron Electronics LLC EE-SX674A Datasheet HTML 10Page - Omron Electronics LLC EE-SX674A Datasheet HTML 11Page - Omron Electronics LLC EE-SX674A Datasheet HTML 12Page - Omron Electronics LLC EE-SX674A Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
EE-SX47/67
Accessories (Order Separately)
Connector for the EE-SX67 with Junction Connector
EE-SX674-WR/674P-WR
EE-SX674-C1J-R/674P-C1J-R
Terminal Arrangement
Brown
(1)
Vcc
Pink
(2)
L
Blue
(3)
GND(0V)
Black
(4)
OUTPUT
7
3.5 dia.
7
R1
25.7
6.95
3
3
2
13.6
5
(2.9)
9
6.2
4.6 dia.
2.8
2
0.8
2.6
15.5
7
43 2 1
EE-SX674-C1J-R
17.4
9.4
2
Optical axis
Optical axis
Indicator window
100±15
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2
with 0.8 mm dia. insulator);
Standard length: 1 m
Sensing
window
2
3.7
(R)
(R)
6
3.2
13
10.3
2
19.5
16.7
13.4
4.6 dia.
3
26.2 8.4
9
2.5
13.4
5
10
4
6.35 26
0.8
43 2 1
EE-SX675-C1J-R
17.4
9.4
2
Optical axis
Optical axis
Indicator window
100±15
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8 mm dia. insulator);
Standard length: 1 m
Sensing
window
EE-SX675-WR/675P-WR
EE-SX675-C1J-R/675P-C1J-R
Terminal Arrangement
Brown
(1)
Vcc
Pink
(2)
L
Blue
(3)
GND(0V)
Black
(4)
OUTPUT
3
4.6 dia.
43 2
17.4
9.4
2
1
EE-SX676-C1J-R
2.5
8.4
2
26.2
9
13.4
5
13.7
7
6.4
13.2
7
2
0.8
9
7
13
3.3
3.5 dia.
2.5
4
Optical axis
Optical axis
Indicator window
100±15
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2
with 0.8 mm dia. insulator);
Standard length: 1 m
Sensing
window
EE-SX676-WR/676P-WR
EE-SX676-C1J-R/676P-C1J-R
Terminal Arrangement
Brown
(1)
Vcc
Pink
(2)
L
Blue
(3)
GND(0V)
Black
(4)
OUTPUT
3.3
4
7
9
7
6.4
13.2
13
3.5
2
26.2
8.4
2.5
9
13.4
5
13.7
7
2.5
3
4.6 dia.
4
32 1
EE-SX677-C1J-R
17.4
9.4
2
2
0.8
Optical axis
Optical axis
Indicator window
100±15
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8 mm dia. insulator);
Standard length: 1 m
Sensing
window
EE-SX677-WR/677P-WR
EE-SX677-C1J-R/677P-C1J-R
Terminal Arrangement
Brown
(1)
Vcc
Pink
(2)
L
Blue
(3)
GND(0V)
Black
(4)
OUTPUT


Similar Part No. - EE-SX674A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX674A OMRON-EE-SX674A Datasheet
470Kb / 9P
   Slot-type Photomicrosensor (Non-modulated)
More results

Similar Description - EE-SX674A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EESX670 OMRON-EESX670 Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
EESX671P OMRON-EESX671P Datasheet
1Mb / 12P
   Global Standard Slot-type photomicrosensors with 50- to 100-mA direct switching capacity.
logo
List of Unclassifed Man...
EE-SB5M ETC-EE-SB5M Datasheet
219Kb / 6P
   Photomicrosensor with 80-mA Switching Capacity that can be Built into Equipment
logo
Omron Electronics LLC
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
logo
Fairchild Semiconductor
FJX3011RTF FAIRCHILD-FJX3011RTF Datasheet
37Kb / 3P
   Switching Application (Bias Resistor Built In)
FJX4004RTF FAIRCHILD-FJX4004RTF Datasheet
47Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1002 FAIRCHILD-KSR1002 Datasheet
38Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1010 FAIRCHILD-KSR1010 Datasheet
34Kb / 4P
   Switching Application (Bias Resistor Built In)
FJV4106RMTF FAIRCHILD-FJV4106RMTF Datasheet
94Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1004 FAIRCHILD-KSR1004 Datasheet
37Kb / 4P
   Switching Application (Bias Resistor Built In)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com