Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F2048 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49F2048
Description  2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F2048 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49F2048 Datasheet HTML 2Page - ATMEL Corporation AT49F2048 Datasheet HTML 3Page - ATMEL Corporation AT49F2048 Datasheet HTML 4Page - ATMEL Corporation AT49F2048 Datasheet HTML 5Page - ATMEL Corporation AT49F2048 Datasheet HTML 6Page - ATMEL Corporation AT49F2048 Datasheet HTML 7Page - ATMEL Corporation AT49F2048 Datasheet HTML 8Page - ATMEL Corporation AT49F2048 Datasheet HTML 9Page - ATMEL Corporation AT49F2048 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AT49F2048
6
Note:
1. This parameter is characterized and is not 100% tested.
Pin Capacitance
(f = 1 MHz, T = 25°C)(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Output Test Load
Input Test Waveforms and Measurement Level
tR, tF < 5 ns
AC Read Waveforms(1)(2)(3)(4)
Notes:
1.
CE may be delayed up to tACC - tCE after the address transition without impact on tACC.
2.
OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address
change without impact on tACC.
3.
tDF is specified from OE or CE whichever occurs first (CL = 5 pF).
4.
This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT49F2048-70
AT49F2048-90
AT49F2048-12
Units
Min
Max
Min
Max
Min
Max
tACC
Address to Output Delay
70
90
120
ns
tCE
(1)
CE to Output Delay
70
90
120
ns
tOE
(2)
OE to Output Delay
35
0
40
0
50
ns
tDF
(3)(4)
CE or OE to Output Float
0
25
0
25
0
30
ns
tOH
Output Hold from OE, CE
or Address, whichever occurred first
000
ns
ADDRESS
OUTPUT
HIGH Z
OUTPUT
OE
CE
tACC
tOE
tDF
tOH
tCE
VALID
ADDRESS VALID


Similar Part No. - AT49F2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70RC ATMEL-AT49F2048A-70RC Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70RI ATMEL-AT49F2048A-70RI Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70TC ATMEL-AT49F2048A-70TC Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70TI ATMEL-AT49F2048A-70TI Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com