Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV008AT-20CC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49BV008AT-20CC
Description  8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV008AT-20CC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49BV008AT-20CC Datasheet HTML 1Page - ATMEL Corporation AT49BV008AT-20CC Datasheet HTML 2Page - ATMEL Corporation AT49BV008AT-20CC Datasheet HTML 3Page - ATMEL Corporation AT49BV008AT-20CC Datasheet HTML 4Page - ATMEL Corporation AT49BV008AT-20CC Datasheet HTML 5Page - ATMEL Corporation AT49BV008AT-20CC Datasheet HTML 6Page - ATMEL Corporation AT49BV008AT-20CC Datasheet HTML 7Page - ATMEL Corporation AT49BV008AT-20CC Datasheet HTML 8Page - ATMEL Corporation AT49BV008AT-20CC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AT49BV008A(T)/8192A(T)
5
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING: The AT49BV008A(T)/8192A(T) features
DATA polling to indicate the end of a program cycle. During
a program cycle an attempted read of the last byte loaded
will result in the complement of the loaded data on I/O7.
Once the program cycle has been completed, true data is
valid on all outputs and the next cycle may begin. During a
chip or sector erase operation, an attempt to read the
device will give a “0” on I/O7. Once the program or erase
cycle has completed, true data will be read from the device.
DATA polling may begin at any time during the program
cycle.
TOG G LE B I T: I n ad dit i on t o DATA p o lling the
AT49BV008A(T)/8192A(T) provides another method for
determining the end of a program or erase cycle. During a
program or erase operation, successive attempts to read
data from the device will result in I/O6 toggling between
one and zero. Once the program cycle has completed, I/O6
will stop toggling and valid data will be read. Examining the
toggle bit may begin at any time during a program cycle.
READY/BUSY: For the AT49F008A(T), pin 12 is an open
drain READY/BUSY output pin which provides another
method of detecting the end of a program or erase opera-
tion. RDY/BUSY is actively pulled low during the internal
program and erase cycles and it is released at the comple-
tion of the cycle. The open drain connection allows for OR-
tying of several devices to the same RDY/BUSY line.
HARDWARE DATA PROTECTION: Hardware features
pr ot ect ag ainst ina d ver t e n t pr og r a ms t o the
AT49BV008A(T)/8192A(T) in the following ways: (a) V
CC
sense: if V
CC is below 1.8V (typical), the program function
is inhibited. (b) VCC power on delay: once VCC has reached
the V
CC sense level, the device will automatically time out
10 ms (typical) before programming. (c) Program inhibit:
holding any one of OE low, CE high or WE high inhibits
program cycles. (d) Noise filter: pulses of less than 15 ns
(typical) on the WE or CE inputs will not initiate a program
cycle.
INPUT LEVELS: While operating with a 2.7V to 3.6V
power supply, the address inputs and control inputs (OE,
CE, and WE) may be driven from 0 to 5.5V without
adversely affecting the operation of the device. The I/O
lines can only be driven from 0 to VCC + 0.6V.
AT49BV008A(T) ALTERNATE PIN DEFINITION: Two
AT49BV008A(T) BGA pin definitions are shown. The stan-
dard pin definition allows use of the JEDEC standard pro-
gramming algorithm. If the alternate pin definition is used,
the programming algorithm must be modified as shown in
the Command Definition for Alternate Pin Definition Table
on page 7.


Similar Part No. - AT49BV008AT-20CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008AT-12CI ATMEL-AT49BV008AT-12CI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49BV008AT-90CI ATMEL-AT49BV008AT-90CI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results

Similar Description - AT49BV008AT-20CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com