Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F1024-70VC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49F1024-70VC
Description  1-Megabit 64K x 16 5-volt Only Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F1024-70VC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49F1024-70VC Datasheet HTML 1Page - ATMEL Corporation AT49F1024-70VC Datasheet HTML 2Page - ATMEL Corporation AT49F1024-70VC Datasheet HTML 3Page - ATMEL Corporation AT49F1024-70VC Datasheet HTML 4Page - ATMEL Corporation AT49F1024-70VC Datasheet HTML 5Page - ATMEL Corporation AT49F1024-70VC Datasheet HTML 6Page - ATMEL Corporation AT49F1024-70VC Datasheet HTML 7Page - ATMEL Corporation AT49F1024-70VC Datasheet HTML 8Page - ATMEL Corporation AT49F1024-70VC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
AT49F1025 VSOP Top View
Type 1
10 x 14 mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A0
A1
A2
A3
A4
A5
A6
A7
A8
GND
A9
A10
A11
A12
A13
A14
A15
NC
WE
VCC
OE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/07
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
NC
CE
10 x 14 mm
PLCC Top View
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
I/O12
I/O11
I/O10
I/O9
I/O8
GND
NC
I/O7
I/O6
I/O5
I/O4
A13
A12
A11
A10
A9
GND
NC
A8
A7
A6
A5
Features
Single Voltage Operation
– 5V Read
– 5V Reprogramming
Fast Read Access Time - 45 ns
Internal Program Control and Timer
8K word Boot Block With Lockout
Fast Erase Cycle Time - 10 seconds
Word By Word Programming - 10
µµµµs/Word Typical
Hardware Data Protection
DATA Polling For End Of Program Detection
Small 10 x 14 mm VSOP Package
Typical 10,000 Write Cycles
Description
The AT49F1024 and the AT49F1025 are 5-volt-only in-system Flash Memories. Their
1 megabit of memory is organized as 65,536 words by 16 bits. Manufactured with
Atmel’s advanced nonvolatile CMOS technology, the devices offer access times to 45
ns with power dissipation of just 275 mW over the commercial temperature range.
When the device is deselected, the CMOS standby current is less than 100
µA. The
only difference between the AT49F1024 and the AT49F1025 is the pinout. The
AT49F1024 is pin compatable with the AT27C1024, and the AT49F1025 is pin com-
patable with the AT29C1024.
Rev. 0765D–09/98
1-Megabit
(64K x 16)
5-volt Only
Flash Memory
AT49F1024
AT49F1025
Pin Configurations
Pin Name
Function
A0 - A15
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O15
Data Inputs/Outputs
NC
No Connect
(continued)
AT49F1024 VSOP Top View
Type 1
10 x 14 mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A9
A10
A11
A12
A13
A14
A15
NC
WE
VCC
NC
CE
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
OE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND


Similar Part No. - AT49F1024-70VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F1024A-45VC ATMEL-AT49F1024A-45VC Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F1024A-45VL ATMEL-AT49F1024A-45VL Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
More results

Similar Description - AT49F1024-70VC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
AT29LV1024 ATMEL-AT29LV1024 Datasheet
215Kb / 12P
   1-Megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com