Electronic Components Datasheet Search |
|
RT0603WRB07470RL Datasheet(PDF) 2 Page - YAGEO Corporation |
|
RT0603WRB07470RL Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 10 page Chip Resistor Surface Mount www.yageo.com Oct 21, 2009 V.4 Product specification 2 10 SERIES RT 0402 to 2512 (RoHS Compliant) ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC Both part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. SCOPE This specification describes RT0402 to RT2512 high precision - high stability chip resistors with lead-free terminations made by thin film process. APPLICATIONS Converters Printer equipment Server board Telecom Consumer FEATURES Halogen Free Epoxy RoHS compliant - Products with lead free terminations meet RoHS requirements - Pb-glass contained in electrodes, resistor element and glass are exempted by RoHS Reducing environmentally hazardous wastes High component and equipment reliability Saving of PCB space None forbidden-materials used in products/production ORDERING EXAMPLE The ordering code of a RT0603 chip resistor, TC 50 value 56 X with ±0.5% tolerance, supplied in 7-inch tape reel is: RT0603DRE0756RL. NOTE 1. All our RSMD products meet RoHS compliant and Halogen Free. "LFP" of the internal 2D reel label mentions "Lead Free Process" 2. On customized label, "LFP" or specific symbol can be printed Resistance rule of global part number Resistance code rule Example XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XMXX (1 to 9.76 MΩ) 1M = 1,000,000 Ω 9M76= 9,760,000 Ω Y YA AG GE EO O B BR RA AN ND D o orrd deerriin ngg cco od dee GLOBAL PART NUMBER (PREFERRED) RT XXXX F X X XX XXXX L (1) (2) (3) (4) (5) (6) (7) (1) SIZE 0402 / 0603 / 0805 / 1206 / 1210 / 2010 / 2512 (2) TOLERANCE W = ±0.05% B = ±0.1% C = ±0.25% D = ±0.5% F = ±1% (3) PACKAGING TYPE R = Paper/PE taping reel K = Embossed taping reel (4) TEMPERATURE COEFFICIENT OF RESISTANCE B = 10 ppm/°C C = 15 ppm/°C D = 25 ppm/°C E = 50 ppm/°C (5) TAPING REEL 07 = 7 inch dia. Reel 10 = 10 inch dia. Reel 13 = 13 inch dia. Reel (6) RESISTANCE VALUE There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need to mention the last zero after R/K/M, e.g.1K2, not 1K20. Detailed resistance rules show in table of “Resistance rule of global part number”. (7) DEFAULT CODE Letter L is system default code for order only (Note) |
Similar Part No. - RT0603WRB07470RL |
|
Similar Description - RT0603WRB07470RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |