Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV4096-20RI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49BV4096-20RI
Description  4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV4096-20RI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49BV4096-20RI Datasheet HTML 3Page - ATMEL Corporation AT49BV4096-20RI Datasheet HTML 4Page - ATMEL Corporation AT49BV4096-20RI Datasheet HTML 5Page - ATMEL Corporation AT49BV4096-20RI Datasheet HTML 6Page - ATMEL Corporation AT49BV4096-20RI Datasheet HTML 7Page - ATMEL Corporation AT49BV4096-20RI Datasheet HTML 8Page - ATMEL Corporation AT49BV4096-20RI Datasheet HTML 9Page - ATMEL Corporation AT49BV4096-20RI Datasheet HTML 10Page - ATMEL Corporation AT49BV4096-20RI Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tBP
Word Programming Time
10
50
µs
tAS
Address Set-up Time
0
ns
tAH
Address Hold Time
100
ns
tDS
Data Set-up Time
100
ns
tDH
Data Hold Time
0
ns
tWP
Write Pulse Width
200
ns
tWPH
Write Pulse Width High
200
ns
tEC
Erase Cycle Time
10
seconds
OE
PROGRAM CYCLE
INPUT
DATA
ADDRESS
A0
55
5555
5555
AA
2AAA
tBP
tWPH
tWP
CE
WE
AO-A17
DATA
tAS
tAH
tDH
tDS
5555
AA
Program Cycle Waveforms
OE
(1)
AA
80
Note 3
55
55
5555
5555
Note 2
AA
WORD 0
WORD 1
WORD 2
WORD 3
WORD 4
WORD 5
2AAA
2AAA
tWPH
tWP
CE
WE
AO-A17
DATA
tAS
tAH
tEC
tDH
tDS
5555
Sector or Chip Erase Cycle Waveforms
Notes: 1. OE must be high only when WE and CE are both low.
2. For chip erase, the address should be 5555. For sector
erase, the address depends on what sector is to be
erased. (See note 4 under command definitions.)
3. For chip erase, the data should be 10H, and for sector erase,
the data should be 30H.
8
AT49BV/LV4096


Similar Part No. - AT49BV4096-20RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV4096A ATMEL-AT49BV4096A Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A ATMEL-AT49BV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV4096A-12RC ATMEL-AT49BV4096A-12RC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12RI ATMEL-AT49BV4096A-12RI Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12TC ATMEL-AT49BV4096A-12TC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results

Similar Description - AT49BV4096-20RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com