Electronic Components Datasheet Search |
|
RT2010WRB07470RL Datasheet(PDF) 8 Page - YAGEO Corporation |
|
RT2010WRB07470RL Datasheet(HTML) 8 Page - YAGEO Corporation |
8 / 10 page Chip Resistor Surface Mount www.yageo.com Oct 21, 2009 V.4 Product specification 8 10 SERIES RT 0402 to 2512 (RoHS Compliant) TEST TEST METHOD PROCEDURE REQUIREMENTS Short Time Overload IEC60115-1 4.13 2.5 times of rated voltage or maximum overload voltage whichever is less for 5 sec at room temperature ±(0.5%+0.05 Ω) No visible damage Board Flex/ Bending IEC 60068-2-21 Chips mounted on a 90mm glass epoxy resin PCB (FR4) Bending: see table 6 for each size Bending time: 60±5 seconds ±(0.25%+0.05 Ω) No visible damage Low Temperature Operation IEC 60068-2-1 The resistor shall be subjected to a DC rated voltage for 1.5 h-on, 0.5 h-off, at -55±3 °C This constitutes shall be repeated for 96 hours However the applied voltage shall not exceed the maximum operating voltage ±(0.5%+0.05 Ω) No visible damage Insulation Resistance IEC 60115-1 4.6 Rated continuous overload voltage (RCOV) for 1 minute Details see below table 5 ≥10 GΩ Dielectric Withstand Voltage IEC 60115-1 4.7 Maximum voltage (Vrms) applied for 1 minute Details see below table 5 No breakdown or flashover Solderability - Wetting IPC/JEDEC J-STD-002B test B Electrical Test not required Magnification 50X SMD conditions: 1st step: method B, aging 4 hours at 155°C dry heat 2nd step: leadfree solder bath at 245±3°C Dipping time: 3±0.5 seconds Well tinned (≥95% covered) No visible damage - Leaching IPC/JEDEC J-STD-002B test D Leadfree solder, 260 °C, 30 seconds immersion time No visible damage - Resistance to Soldering Heat IEC 60068-2-58 Condition B, no pre-heat of samples. Leadfree solder, 260 °C, 10 seconds immersion time Procedure 2 for SMD: devices fluxed and cleaned with isopropanol ±(0.5%+0.05 Ω) No visible damage |
Similar Part No. - RT2010WRB07470RL |
|
Similar Description - RT2010WRB07470RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |