Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN114-0.3-02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RN114-0.3-02
Description  Current-compensated Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN114-0.3-02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RN114-0.3-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN114-0.3-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN114-0.3-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN114-0.3-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RN114-0.3-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Current-compensated Chokes
n
Rated currents from 0.3 to 10A
n
DC to 1kHz frequency
n
100kHz to 3MHz common-mode
resonance frequency
n
Dual-choke configurations
n
Multiple PCB-mounting options
Typical applications
RN chokes are attenuating common-mode or
asymmetric (P/N –> E) interference signals,
by being connected in series with the phase
and neutral lines of an AC powerline input.
Symmetrical components of the noise are
also attenuated by the leakage inductance of
the windings. These chokes are typically used
in conjunction with suppression capacitors.
n
High saturation resistance and excellent
thermal behavior.
n
Through hole pin connections.
n
Dual-choke configuration.
n
Small compact design.
n
Multiple housing options.
n
Custom-specific versions are available on
request.
n
Phase-angle control circuits in combination
with saturating chokes
n
EMI input filters
n
For suppressing equipment with no earth
connection
n
Suppressing high interference levels
Features and benefits
Technical specifications
Maximum continuous operating voltage:
250VAC @ 40°C
Operating frequency:
dc to 1kHz
Rated currents:
0.3 to 10A @ 40°C max.
High potential test voltage
winding-to-winding @ 25°C:
1500VAC, 60 sec, guaranteed
1500V, 50Hz, 2 sec, factory test
winding-to-housing @ 25°C:
4000VAC, 60 sec, guaranteed
Surge current @ 10msec:
20 x Inominal @ 25°C
Temperature range (operation and storage):
-40°C to +125°C (40/125/56)
Flammability corresponding to:
UL 94V-0
MTBF @ 40°C/230V (Mil-HB-217F):
> 5,000,000 hours
Typical electrical schematic
Approvals
VDE: excluding RN 102, RN 202
EMC/EMI Chokes
RN series


Similar Part No. - RN114-0.3-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN114-0.3-02 ETC2-RN114-0.3-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
logo
Schaffner International...
RN114-0.3-02-47M SCHAFFNER-RN114-0.3-02-47M Datasheet
1Mb / 9P
   Current-compensated Chokes
More results

Similar Description - RN114-0.3-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com