Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F4096A-55TC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49F4096A-55TC
Description  4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F4096A-55TC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49F4096A-55TC Datasheet HTML 1Page - ATMEL Corporation AT49F4096A-55TC Datasheet HTML 2Page - ATMEL Corporation AT49F4096A-55TC Datasheet HTML 3Page - ATMEL Corporation AT49F4096A-55TC Datasheet HTML 4Page - ATMEL Corporation AT49F4096A-55TC Datasheet HTML 5Page - ATMEL Corporation AT49F4096A-55TC Datasheet HTML 6Page - ATMEL Corporation AT49F4096A-55TC Datasheet HTML 7Page - ATMEL Corporation AT49F4096A-55TC Datasheet HTML 8Page - ATMEL Corporation AT49F4096A-55TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Features
Single Voltage Operation
–5V Read
– 5V Programming
Fast Read Access Time - 55 ns
Internal Erase/Program Control
Sector Architecture
– One 8K Words (16K bytes) Boot Block with Programming Lockout
– Two 4K Words (8K bytes) Parameter Blocks
– One 240K Words (480K bytes) Main Memory Array Block
Fast Sector Erase Time - 10 seconds
Byte-by-Byte or Word-By-Word Programming - 10
µs Typical
Hardware Data Protection
DATA Polling For End Of Program Detection
Low-Power Dissipation
– 50 mA Active Current
– 300
µA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49F004(T) and AT49F4096A(T) are 5-volt, 4-megabit Flash Memories orga-
nized as 524,288 words of 8 bits each or 256K words of 16 bits each. Manufactured
with Atmel’s advanced nonvolatile CMOS technology, the devices offer access times
to 55 ns with power dissipation of just 275 mW. When deselected, the CMOS standby
current is less than 300
µA.
The device contains a user-enabled “boot block” protection feature. Two versions of
the feature are available: the AT49F004/4096A locates the boot block at lowest order
addresses (“bottom boot”); the AT49F004T/4096AT locates it at highest order
addresses (“top boot”).
To allow for simple in-system reprogrammability, the AT49F004(T)/4096A(T) does not
require high input voltages for programming. Reading data out of the device is similar
to reading from an EPROM; it has standard CE, OE, and WE inputs to avoid bus con-
tention. Reprogramming the AT49F004(T)/4096A(T) is performed by first erasing a
4-Megabit
(512K x 8/
256K x 16)
CMOS Flash
Memory
AT49F004
AT49F004T
AT49F4096A
AT49F4096AT
Preliminary
Rev. 1167A–09/98
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
Ready/Busy Output
I/O0 - I/O14
Data Inputs/Outputs
I/O15(A-1)
I/O15 (Data Input/Output, Word Mode)
A-1 (LSB Address Input, Byte Mode)
BYTE
Selects Byte or Word Mode
NC
No Connect
(continued)


Similar Part No. - AT49F4096A-55TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F4096-12RC ATMEL-AT49F4096-12RC Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F4096-12RI ATMEL-AT49F4096-12RI Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F4096-12TC ATMEL-AT49F4096-12TC Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F4096-12TI ATMEL-AT49F4096-12TI Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F4096A-55TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com