Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F8192-90TC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49F8192-90TC
Description  8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8192-90TC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49F8192-90TC Datasheet HTML 2Page - ATMEL Corporation AT49F8192-90TC Datasheet HTML 3Page - ATMEL Corporation AT49F8192-90TC Datasheet HTML 4Page - ATMEL Corporation AT49F8192-90TC Datasheet HTML 5Page - ATMEL Corporation AT49F8192-90TC Datasheet HTML 6Page - ATMEL Corporation AT49F8192-90TC Datasheet HTML 7Page - ATMEL Corporation AT49F8192-90TC Datasheet HTML 8Page - ATMEL Corporation AT49F8192-90TC Datasheet HTML 9Page - ATMEL Corporation AT49F8192-90TC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AT49F8192/8192T
6
AC Read Characteristics
AC Read Waveforms (1)(2)(3)(4)
Notes:
1. CE may be delayed up to tACC - tCE after the address
transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after falling edge
of CE without impact on tCE or by tACC - tOE after an
address change without impact in tACC.
3. tDF is specified from OE or CE whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100%
tested.
Symbol
Parameter
AT49F8192-90
AT49F8192-12
Units
Min
Max
Min
Max
tACC
Address to Output Delay
90
120
ns
tCE
(1)
CE to Output Delay
90
120
ns
tOE
(2)
OE to Output Delay
0
40
0
50
ns
tDF
(3, 4)
CE or OE to Output Float
0
25
0
30
ns
tOH
Output Hold from OE, CE or Address, whichever occurred first
0
0
ns
Input Test Waveforms and
Measurement Level
tR, tF < 5 ns
Output Test Load
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Note:
1. This parameter is characterized and is not 100% tested.
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V


Similar Part No. - AT49F8192-90TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192A ATMEL-AT49F8192A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A ATMEL-AT49F8192A Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CC ATMEL-AT49F8192A-12CC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CI ATMEL-AT49F8192A-12CI Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12RC ATMEL-AT49F8192A-12RC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F8192-90TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com