Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM3N90 Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3N90
Description  900V N-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3N90 Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM3N90_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3N90_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3N90_14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM3N90_14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM3N90_14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM3N90_14 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM3N90_14 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TSM3N90_14 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TSM3N90_14 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TSM3N90
900V N-Channel Power MOSFET
9/12
Version: C13
ITO-220 Mechanical Drawing
Unit: Millimeters
Marking Diagram
Y
= Year Code
G
= Halogen Free
WW = Week Code by Calendar Year
F
= Factory Code


Similar Part No. - TSM3N90_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3N90CH TSC-TSM3N90CH Datasheet
531Kb / 12P
   900V N-Channel Power MOSFET
TSM3N90CI TSC-TSM3N90CI Datasheet
531Kb / 12P
   900V N-Channel Power MOSFET
TSM3N90CP TSC-TSM3N90CP Datasheet
531Kb / 12P
   900V N-Channel Power MOSFET
TSM3N90CZ TSC-TSM3N90CZ Datasheet
531Kb / 12P
   900V N-Channel Power MOSFET
More results

Similar Description - TSM3N90_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
   900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
   900V N-Channel Power MOSFET
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
   900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
   900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90 Datasheet
410Kb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90 Datasheet
406Kb / 10P
   900V N-Channel Power MOSFET
TSM3N90 TSC-TSM3N90 Datasheet
531Kb / 12P
   900V N-Channel Power MOSFET
logo
Unisonic Technologies
2N90 UTC-2N90_11 Datasheet
203Kb / 6P
   2A, 900V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
   7A, 900V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com