Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F040-12JC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49F040-12JC
Description  4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040-12JC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49F040-12JC Datasheet HTML 2Page - ATMEL Corporation AT49F040-12JC Datasheet HTML 3Page - ATMEL Corporation AT49F040-12JC Datasheet HTML 4Page - ATMEL Corporation AT49F040-12JC Datasheet HTML 5Page - ATMEL Corporation AT49F040-12JC Datasheet HTML 6Page - ATMEL Corporation AT49F040-12JC Datasheet HTML 7Page - ATMEL Corporation AT49F040-12JC Datasheet HTML 8Page - ATMEL Corporation AT49F040-12JC Datasheet HTML 9Page - ATMEL Corporation AT49F040-12JC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ordering Information
(1)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
90
50
0.1
AT49F040-90JC
32J
Commercial
AT49F040-90PC
32P6
(0
° to 70°C)
AT49F040-90TC
32T
50
0.3
AT49F040-90JI
32J
Industrial
AT49F040-90PI
32P6
(-40
° to 85°C)
AT49F040-90TI
32T
120
50
0.1
AT49F040-12JC
32J
Commercial
AT49F040-12PC
32P6
(0
° to 70°C)
AT49F040-12TC
32T
50
0.3
AT49F040-12JI
32J
Industrial
AT49F040-12PI
32P6
(-40
° to 85°C)
AT49F040-12TI
32T
150
50
0.1
AT49F040-15JC
32J
Commercial
AT49F040-15PC
32P6
(0
° to 70°C)
AT49F040-15TC
32T
50
0.3
AT49F040-15JI
32J
Industrial
AT49F040-15PI
32P6
(-40
° to 85°C)
AT49F040-15TI
32T
Note:
1. The AT49F040 has as optional boot block feature. The part number shown in the Ordering Information table is for devices
with the boot block in the lower address range (i.e., 00000H to 03FFFH). Users requiring the boot block to be in the
higher address range should contact Atmel.
Package Type
32J
32 Lead, Plastic, J-Leaded Chip Carrier Package (PLCC)
32P6
32 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
32T
32 Lead, Thin Small Outline Package (TSOP)
4-218
AT49F040


Similar Part No. - AT49F040-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040-12JC ATMEL-AT49F040-12JC Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040-12JC ATMEL-AT49F040-12JC Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F040-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT29C040A ATMEL-AT29C040A Datasheet
234Kb / 11P
   4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com