Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT5FC002-20 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT5FC002-20
Description  2-Megabyte Flash Memory PCMCIA Card
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT5FC002-20 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT5FC002-20 Datasheet HTML 1Page - ATMEL Corporation AT5FC002-20 Datasheet HTML 2Page - ATMEL Corporation AT5FC002-20 Datasheet HTML 3Page - ATMEL Corporation AT5FC002-20 Datasheet HTML 4Page - ATMEL Corporation AT5FC002-20 Datasheet HTML 5Page - ATMEL Corporation AT5FC002-20 Datasheet HTML 6Page - ATMEL Corporation AT5FC002-20 Datasheet HTML 7Page - ATMEL Corporation AT5FC002-20 Datasheet HTML 8Page - ATMEL Corporation AT5FC002-20 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Description
Atmel’s Flash Memory Card provides the highest system level
performance for data and file storage solutions to the portable
PC market segment. Data files and applications programs can be
stored on the AT5FC002. This allows OEM manufacturers of
portable system to eliminate the weight, power consumption and
reliability issues associated with electro-mechanical disk-based
systems. The AT5FC002 requires a single voltage power supply
for total system operation. No batteries are needed for data re-
tention due to its Flash-based technology. Since no high voltage
(12-volt) is required to perform any write operation, the
AT5FC002 is suitable for the emerging "mobile" personal sys-
tems.
The AT5FC002 is compatible with the 68-pin PCMCIA/JEIDA
international standard. Atmel’s Flash Memory Cards can be
read in either a byte-wide or word-wide mode which allows for
flexible integration into various system platforms. It can be read
like any typical PCMCIA SRAM or ROM card.
The Card Information Structure (CIS) can be written by the
OEM or by Atmel at the attribute memory address space using a
format utility. The CIS appears at the beginning of the card’s
attribute memory space and defines the low-level organization
of data on the PC card. The AT5FC002 contains a separate
2 Kbyte EEPROM memory for the card’s attribute memory
space.
The third party software solutions such as AWARD Software’s
CardWare
™ system and the SCM’s Flash File System (FFS),
enables Atmel’s Flash Memory Card to emulate the function of
essentially all the major brand personal computers that are
DOS/Windows compatible.
For
some
unique
portable
computers,
such
as
the
HP200/100/95LX series, the software Driver and Formatter are
also available. The Atmel Driver and Formatter utilizes a self-
contained spare sector replacement algorithm, enabled by At-
mel’s small 512-byte sectors, to achieve long term card
reliability and endurance.
Block Diagram
2
AT5FC002


Similar Part No. - AT5FC002-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT5FC001 ATMEL-AT5FC001 Datasheet
575Kb / 14P
   1-Megabyte Flash Memory PCMCIA Card
AT5FC001-20 ATMEL-AT5FC001-20 Datasheet
575Kb / 14P
   1-Megabyte Flash Memory PCMCIA Card
AT5FC004 ATMEL-AT5FC004 Datasheet
755Kb / 15P
   4-Megabyte Flash Memory PCMCIA Card
AT5FC004-20 ATMEL-AT5FC004-20 Datasheet
755Kb / 15P
   4-Megabyte Flash Memory PCMCIA Card
AT5FC008 ATMEL-AT5FC008 Datasheet
120Kb / 15P
   8-Megabyte Flash Memory PCMCIA Card
More results

Similar Description - AT5FC002-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT5FC004 ATMEL-AT5FC004 Datasheet
755Kb / 15P
   4-Megabyte Flash Memory PCMCIA Card
AT5FC001 ATMEL-AT5FC001 Datasheet
575Kb / 14P
   1-Megabyte Flash Memory PCMCIA Card
AT5FC008 ATMEL-AT5FC008 Datasheet
120Kb / 15P
   8-Megabyte Flash Memory PCMCIA Card
AT5FC512 ATMEL-AT5FC512 Datasheet
313Kb / 15P
   512K byte Flash Memory PCMCIA Card
AT5FC256 ATMEL-AT5FC256 Datasheet
300Kb / 15P
   256K byte Flash Memory PCMCIA Card
logo
Rohm
BP5310 ROHM-BP5310 Datasheet
59Kb / 4P
   PCMCIA / flash memory power supply
BP5320 ROHM-BP5320 Datasheet
55Kb / 4P
   Power supply PCMCIA / flash memory
BP5310A ROHM-BP5310A Datasheet
55Kb / 6P
   PCMCIA / Flash memory power supply
logo
Advanced Micro Devices
AMC0XXCFLKA AMD-AMC0XXCFLKA Datasheet
273Kb / 42P
   1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
AMMCL00XA AMD-AMMCL00XA Datasheet
172Kb / 36P
   2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com