Selected language     English  ▼


P-12-0 Datasheet(PDF) 1 Page - 3M Electronics

Part No. P-12-0
Description  Stacking Pin Tip Plug, Each End
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 

   
 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/21/02 SY/EH/LS
PomonaACCESS 90537 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d_P_1083_1_02.doc
Page 1 of 1
Model P
Stacking Pin Tip Plug,
Each End
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Stackable pin tip plugs.
• Mates to Model #3542, 4773 or any other standard .08 inch pin jack.
• Ideal for use as jumper wires on chassis boxes.
MATERIALS:
Conn: Pin Tip Plug
Material: Pin Tip Body – Brass per QQ-B-626, Alloy 360, ½ Hard.
Stack-Up Spring – Beryllium Copper per QQ-C-533, Alloy C172, Cond. HT.
Finish: Gold plated per MIL-G-45204, Type II, Class 00 over electroless nickel per QQ-N-290, Class I,
100/200 microinches.
Insulation: Polypropylene molded to pin tip body and wire.
Color: Matches color of wire.
Marking: “POMONA ELECTRONICS.”
Wire: 20 AWG - stranding 41 x 36, t.c., PVC insulated, 2.21 (.087) O.D.
Color: See Ordering Information.
Marking: “POMONA P-XX.”
RATINGS:
Operating Temperature: +55ºC. (+131ºF.) Max.
Operating Voltage: 3000 WVDC
Current: 5 Amperes Cont.
ORDERING INFORMATION: Model P-XX-*
XX = Cable Lengths, Standard Lengths: 4” (102), 8” (203), 12” (305), 18” (457), 24” (610), 36” (914), 48” (1219)
& 60” (1524). Additional lengths and colors can be quoted upon request.
*= Color, -0 Black, -2 Red
Ordering Example: P-60-2
Indicates 60” in length, Color is Red




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl