Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F2048-12TC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49F2048-12TC
Description  2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F2048-12TC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49F2048-12TC Datasheet HTML 3Page - ATMEL Corporation AT49F2048-12TC Datasheet HTML 4Page - ATMEL Corporation AT49F2048-12TC Datasheet HTML 5Page - ATMEL Corporation AT49F2048-12TC Datasheet HTML 6Page - ATMEL Corporation AT49F2048-12TC Datasheet HTML 7Page - ATMEL Corporation AT49F2048-12TC Datasheet HTML 8Page - ATMEL Corporation AT49F2048-12TC Datasheet HTML 9Page - ATMEL Corporation AT49F2048-12TC Datasheet HTML 10Page - ATMEL Corporation AT49F2048-12TC Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AT49F2048
11
Note:
1. The AT49F2048 has as optional boot block feature. The part number shown in the Ordering Information table is for devices
with the boot block in the lower address range (i.e., 00000H to 01FFFH). Users requiring the boot block to be in the higher
address range should contact Atmel.
Ordering Information(1)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
50
0.3
AT49F2048-70RC
AT49F2048-70TC
44R
48T
Commercial
(0
° to 70°C)
50
0.3
AT49F2048-70RI
AT49F2048-70TI
44R
48T
Industrial
(-40
° to 85°C)
90
50
0.3
AT49F2048-90RC
AT49F2048-90TC
44R
48T
Commercial
(0
° to 70°C)
50
0.3
AT49F2048-90RI
AT49F2048-90TI
44R
48T
Industrial
(-40
° to 85°C)
120
50
0.3
AT49F2048-12RC
AT49F2048-12TC
44R
48T
Commercial
(0
° to 70°C)
50
0.3
AT49F2048-12RI
AT49F2048-12TI
44R
48T
Industrial
(-40
° to 85°C)
Package Type
44R
44-Lead, 0.525" Wide, Plastic Gull-Wing Small Outline Package (SOIC/SOP)
48T
48-Lead, Thin Small Outline Package (TSOP)


Similar Part No. - AT49F2048-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70RC ATMEL-AT49F2048A-70RC Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70RI ATMEL-AT49F2048A-70RI Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70TC ATMEL-AT49F2048A-70TC Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048A-70TI ATMEL-AT49F2048A-70TI Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F2048-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com