Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F8192-12TC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49F8192-12TC
Description  8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8192-12TC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49F8192-12TC Datasheet HTML 1Page - ATMEL Corporation AT49F8192-12TC Datasheet HTML 2Page - ATMEL Corporation AT49F8192-12TC Datasheet HTML 3Page - ATMEL Corporation AT49F8192-12TC Datasheet HTML 4Page - ATMEL Corporation AT49F8192-12TC Datasheet HTML 5Page - ATMEL Corporation AT49F8192-12TC Datasheet HTML 6Page - ATMEL Corporation AT49F8192-12TC Datasheet HTML 7Page - ATMEL Corporation AT49F8192-12TC Datasheet HTML 8Page - ATMEL Corporation AT49F8192-12TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AT49F8192/8192T
5
DC and AC Operating Range
Operating Modes
Notes:
1. X can be VIL or VIH.
2. Refer to AC Programming Characteristics.
3. VH = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH,
Device Code: A0H (49F8192), A3H (49F8192T).
5. See details under Software Product Identification
Entry/Exit.
DC Characteristics
Note:
1. In the erase mode, ICC is 90 mA.
AT49F8192-90
AT49F8192-12
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
Mode
CE
OE
WE
RESET
Ai
I/O
Read
VIL
VIL
VIH
VIH
Ai
DOUT
Program/Erase (2)
VIL
VIH
VIL
VIH
Ai
DIN
Standby/Write Inhibit
VIH
X (1)
XVIH
XHigh Z
Program Inhibit
X
X
VIH
VIH
Program Inhibit
X
VIL
XVIH
Output Disable
X
VIH
XVIH
High Z
Reset
X
X
X
VIL
XHigh Z
Product Identification
Hardware
VIL
VIL
VIH
VIH
A1 - A18 = VIL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code (4)
A1 - A18 = VIL, A9 = VH,
(3)
A0 = VIH
Device Code (4)
Software (5)
VIH
A0 = VIL, A1 - A18 = VIL
Manufacturer Code (4)
A0 = VIH, A1 - A18 = VIL
Device Code (4)
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
3mA
ICC
(1)
VCC Active Current
f = 5 MHz; IOUT = 0 mA
50
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.45
V
VOH1
Output High Voltage
IOH = -400 µA2.4
V
VOH2
Output High Voltage CMOS
IOH = -100 µA; VCC = 4.5V
4.2
V


Similar Part No. - AT49F8192-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192A ATMEL-AT49F8192A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A ATMEL-AT49F8192A Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CC ATMEL-AT49F8192A-12CC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CI ATMEL-AT49F8192A-12CI Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12RC ATMEL-AT49F8192A-12RC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F8192-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com