Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49HLV010-90TI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49HLV010-90TI
Description  1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49HLV010-90TI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49HLV010-90TI Datasheet HTML 1Page - ATMEL Corporation AT49HLV010-90TI Datasheet HTML 2Page - ATMEL Corporation AT49HLV010-90TI Datasheet HTML 3Page - ATMEL Corporation AT49HLV010-90TI Datasheet HTML 4Page - ATMEL Corporation AT49HLV010-90TI Datasheet HTML 5Page - ATMEL Corporation AT49HLV010-90TI Datasheet HTML 6Page - ATMEL Corporation AT49HLV010-90TI Datasheet HTML 7Page - ATMEL Corporation AT49HLV010-90TI Datasheet HTML 8Page - ATMEL Corporation AT49HLV010-90TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AT49(H)BV/(H)LV010
3
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING: The AT49(H)BV/(H)LV010 features
DATA polling to indicate the end of a program cycle. Dur-
ing a program cycle an attempted read of the last byte
loaded will result in the complement of the loaded data on
I/O7. Once the program cycle has been completed, true
data is valid on all outputs and the next cycle may begin.
DATA polling may begin at any time during the program
cycle.
TOG G LE B I T: I n a ddit i on t o D A TA p o llin g th e
AT49(H)BV/(H)LV010 provides another method for deter-
mining the end of a program or erase cycle. During a pro-
gram or erase operation, successive attempts to read data
from the device will result in I/O6 toggling between one and
zero. Once the program cycle has completed, I/O6 will
stop toggling and valid data will be read. Examining the
toggle bit may begin at any time during a program cycle.
HARDWARE DATA PROTECTION: Hardware features
p r o t ect ag ainst ina d ver t e n t pr ogr a m s to th e
AT49(H)BV/(H)LV010 in the following ways: (a) V
CC
sense: if V
CC is below 1.8V (typical), the program function
is inhibited. (b) Program inhibit: holding any one of OE low,
CE high or WE high inhibits program cycles. (c) Noise filter:
Pulses of less than 15 ns (typical) on the WE or CE inputs
will not initiate a program cycle.
INPUT LEVELS: While operating with a 2.7V to 3.6V
power supply, the address inputs and control inputs
(OE,
CE and WE) may be driven from 0 to 5.5V without
adversely affecting the operation of the device. The I/O
lines can only be driven from 0 to VCC + 0.6V.
Command Definition (in Hex)
Notes:
1. The 8K byte boot sector has the address range 00000H to 01FFFH.
2. Either one of the Product ID exit commands can be used.
Absolute Maximum Ratings*
Command
Sequence
Bus
Cycles
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
Addr
D
OUT
Chip Erase
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
10
Byte
Program
4
5555
AA
2AAA
55
5555
A0
Addr
D
IN
Boot Block
Lockout(1)
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
40
Product ID
Entry
3
5555
AA
2AAA
55
5555
90
Product ID
Exit(2)
3
5555
AA
2AAA
55
5555
F0
Product ID
Exit(2)
1
XXXX
F0
Temperature Under Bias ......................-55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature............................-65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground......................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground................... -0.6V to V
CC + 0.6V
Voltage on OE
with Respect to Ground......................... -0.6V to +13.5V


Similar Part No. - AT49HLV010-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49HF010 ATMEL-AT49HF010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JC ATMEL-AT49HF010-45JC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JI ATMEL-AT49HF010-45JI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PC ATMEL-AT49HF010-45PC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PI ATMEL-AT49HF010-45PI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49HLV010-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
   1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com