Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C256F-20JI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT28C256F-20JI
Description  256K 32K x 8 Paged CMOS E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256F-20JI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT28C256F-20JI Datasheet HTML 3Page - ATMEL Corporation AT28C256F-20JI Datasheet HTML 4Page - ATMEL Corporation AT28C256F-20JI Datasheet HTML 5Page - ATMEL Corporation AT28C256F-20JI Datasheet HTML 6Page - ATMEL Corporation AT28C256F-20JI Datasheet HTML 7Page - ATMEL Corporation AT28C256F-20JI Datasheet HTML 8Page - ATMEL Corporation AT28C256F-20JI Datasheet HTML 9Page - ATMEL Corporation AT28C256F-20JI Datasheet HTML 10Page - ATMEL Corporation AT28C256F-20JI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Symbol
Parameter
Min
Max
Units
tWC
Write Cycle Time
AT28C256
10
ms
AT28C256F
3.0
ms
tAS
Address Set-up Time
0
ns
tAH
Address Hold Time
50
ns
tDS
Data Set-up Time
50
ns
tDH
Data Hold Time
0
ns
tWP
Write Pulse Width
100
ns
tBLC
Byte Load Cycle Time
150
µs
tWPH
Write Pulse Width High
50
ns
Page Mode Characteristics
Chip Erase Waveforms
tS = tH = 5 µsec (min.)
tW = 10 msec (min.)
VH = 12.0V
± 0.5V
Page Mode Write Waveforms
(1, 2)
Notes: 1. A6 through A14 must specify the same page address during each high to low transition of WE (or CE).
2. OE must be high only when WE and CE are both low.
AT28C256
2-223


Similar Part No. - AT28C256F-20JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256F-20DM/883 ATMEL-AT28C256F-20DM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20FM/883 ATMEL-AT28C256F-20FM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20LM/883 ATMEL-AT28C256F-20LM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20UM/883 ATMEL-AT28C256F-20UM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
More results

Similar Description - AT28C256F-20JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Sharp Corporation
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
   CMOS 256K (32K x 8) MROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com