Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT5FC256 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT5FC256
Description  256K byte Flash Memory PCMCIA Card
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT5FC256 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT5FC256 Datasheet HTML 1Page - ATMEL Corporation AT5FC256 Datasheet HTML 2Page - ATMEL Corporation AT5FC256 Datasheet HTML 3Page - ATMEL Corporation AT5FC256 Datasheet HTML 4Page - ATMEL Corporation AT5FC256 Datasheet HTML 5Page - ATMEL Corporation AT5FC256 Datasheet HTML 6Page - ATMEL Corporation AT5FC256 Datasheet HTML 7Page - ATMEL Corporation AT5FC256 Datasheet HTML 8Page - ATMEL Corporation AT5FC256 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
256K byte
Flash Memory
PCMCIA Card
AT5FC256
Pin Name
Function
A0-A17
Addresses
D0-D15
Data
CE1, CE2,
WE, OE, REG
Control Signals
CD, WP
BVD1, BVD2
Card Status
Pin Configuration
Features
Single Power Supply
Read and Write Voltage, 5V
± 5%
High Performance
200 ns Maximum Access Time
6 ms Typical Sector Write
CMOS Low Power Consumption
20 mA Typical Active Current (Byte Mode)
400
µA Typical Standby Current
Fully MS-DOS Compatible Flash Driver and Formatter
Virtual-Disk Flash Driver with 256 Bytes/Sector
Random Read/Write to any Sector
No Erase Operation Required Prior to any Write
Zero Data Retention Power
Batteries not Required for Data Storage
PCMCIA/JEIDA 68-Pin Standard
Selectable Byte- or Word-Wide Configuration
High Re-programmable Endurance
Built-in Redundancy for Sector Replacement
Minimum 100,000 Write Cycles
Five Levels of Write Protection
Prevent Accidental Data Loss
Block Diagram


Similar Part No. - AT5FC256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT5FC001 ATMEL-AT5FC001 Datasheet
575Kb / 14P
   1-Megabyte Flash Memory PCMCIA Card
AT5FC001-20 ATMEL-AT5FC001-20 Datasheet
575Kb / 14P
   1-Megabyte Flash Memory PCMCIA Card
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
   2-Megabyte Flash Memory PCMCIA Card
AT5FC002-20 ATMEL-AT5FC002-20 Datasheet
715Kb / 15P
   2-Megabyte Flash Memory PCMCIA Card
AT5FC004 ATMEL-AT5FC004 Datasheet
755Kb / 15P
   4-Megabyte Flash Memory PCMCIA Card
More results

Similar Description - AT5FC256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT5FC512 ATMEL-AT5FC512 Datasheet
313Kb / 15P
   512K byte Flash Memory PCMCIA Card
logo
STMicroelectronics
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
   16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
logo
ATMEL Corporation
AT5FC001 ATMEL-AT5FC001 Datasheet
575Kb / 14P
   1-Megabyte Flash Memory PCMCIA Card
AT5FC008 ATMEL-AT5FC008 Datasheet
120Kb / 15P
   8-Megabyte Flash Memory PCMCIA Card
AT5FC004 ATMEL-AT5FC004 Datasheet
755Kb / 15P
   4-Megabyte Flash Memory PCMCIA Card
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
   2-Megabyte Flash Memory PCMCIA Card
logo
Rohm
BP5310 ROHM-BP5310 Datasheet
59Kb / 4P
   PCMCIA / flash memory power supply
BP5320 ROHM-BP5320 Datasheet
55Kb / 4P
   Power supply PCMCIA / flash memory
BP5310A ROHM-BP5310A Datasheet
55Kb / 6P
   PCMCIA / Flash memory power supply
logo
STMicroelectronics
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com