Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM35N10CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM35N10CPROG
Description  100V N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM35N10CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM35N10CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM35N10CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM35N10CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM35N10CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM35N10CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM35N10CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM35N10
100V N-Channel Power MOSFET
1/6
Version: B13
TO-252
(DPAK)
PRODUCT SUMMARY
VDS (V)
RDS(on)(m
Ω)
ID (A)
100
37 @ VGS =10V
32
Features
Advanced Trench Technology
Low RDS(ON) 37mΩ (Max.)
Low gate charge typical @ 34nC (Typ.)
Low Crss typical @ 45pF (Typ.)
Block Diagram
N-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM35N10CP ROG
TO-252
2.5Kpcs / 13” Reel
Note: “G” denote for Halogen Free Product
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC=25°C
ID
32
A
TC=70°C
26
TA=25°C
5
TA=70°C
4
Drain Current-Pulsed Note 1
IDM
70
A
Avalanche Current, L=0.1mH
IAS, IAR
35
A
Avalanche Energy, L=0.1mH
EAS, EAR
61
mJ
Maximum Power Dissipation
TC=25°C
PD
83.3
W
TC=70°C
53.3
TA=25°C
2
TA=70°C
1.3
Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature Range
TJ
-55 to +150
°C
* Limited by maximum junction temperature
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
JC
1.5
oC/W
Thermal Resistance - Junction to Ambient
JA
62
oC/W
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM35N10CPROG

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
TSM35N10CP DOINGTER-TSM35N10CP Datasheet
862Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - TSM35N10CPROG

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
   100V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
   100V N-Channel Power MOSFET
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
   100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
   100V N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
   100V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10_14 Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
logo
Shenzhen Foster Semicon...
FIR170N10PG FOSTER-FIR170N10PG Datasheet
3Mb / 4P
   100V N-Channel Power Mosfet
logo
Unisonic Technologies
UF540 UTC-UF540 Datasheet
156Kb / 3P
   27A, 100V N-CHANNEL POWER MOSFET
UF3710 UTC-UF3710 Datasheet
239Kb / 6P
   57A, 100V N-CHANNEL POWER MOSFET
UTT6N10Z UTC-UTT6N10Z Datasheet
168Kb / 3P
   100V, 6A N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com