Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C256F-20PI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT28C256F-20PI
Description  256K 32K x 8 Paged CMOS E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256F-20PI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT28C256F-20PI Datasheet HTML 1Page - ATMEL Corporation AT28C256F-20PI Datasheet HTML 2Page - ATMEL Corporation AT28C256F-20PI Datasheet HTML 3Page - ATMEL Corporation AT28C256F-20PI Datasheet HTML 4Page - ATMEL Corporation AT28C256F-20PI Datasheet HTML 5Page - ATMEL Corporation AT28C256F-20PI Datasheet HTML 6Page - ATMEL Corporation AT28C256F-20PI Datasheet HTML 7Page - ATMEL Corporation AT28C256F-20PI Datasheet HTML 8Page - ATMEL Corporation AT28C256F-20PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AT28C256-15 AT28C256-20 AT28C256-25 AT28C256-35
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC
Address to Output Delay
150
200
250
350
ns
tCE
(1)
CE to Output Delay
150
200
250
350
ns
tOE
(2)
OE to Output Delay
0
70
0
80
0
100
0
100
ns
tDF
(3, 4)
CE or OE to Output Float
0
50
0
55
0
60
0
70
ns
tOH
Output Hold from OE, CE or
Address, whichever
occurred first
000
0
ns
AC Read Characteristics
Notes: 1. CE may be delayed up to tACC - tCE after the address
transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE or by tACC - tOE
after an address change without impact on tACC.
3. tDF is specified from OE or CE whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Waveforms
(1, 2, 3, 4)
tR, tF < 5ns
Input Test Waveforms and
Measurement Level
Output Test Load
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Pin Capacitance (f = 1 MHz, T = 25°C)
(1)
Note:
1. This parameter is characterized and is not 100% tested.
AT28C256
2-221


Similar Part No. - AT28C256F-20PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256F-20DM/883 ATMEL-AT28C256F-20DM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20FM/883 ATMEL-AT28C256F-20FM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20LM/883 ATMEL-AT28C256F-20LM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20UM/883 ATMEL-AT28C256F-20UM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
More results

Similar Description - AT28C256F-20PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Sharp Corporation
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
   CMOS 256K (32K x 8) MROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com