Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F4096A-90TC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49F4096A-90TC
Description  4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F4096A-90TC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49F4096A-90TC Datasheet HTML 7Page - ATMEL Corporation AT49F4096A-90TC Datasheet HTML 8Page - ATMEL Corporation AT49F4096A-90TC Datasheet HTML 9Page - ATMEL Corporation AT49F4096A-90TC Datasheet HTML 10Page - ATMEL Corporation AT49F4096A-90TC Datasheet HTML 11Page - ATMEL Corporation AT49F4096A-90TC Datasheet HTML 12Page - ATMEL Corporation AT49F4096A-90TC Datasheet HTML 13Page - ATMEL Corporation AT49F4096A-90TC Datasheet HTML 14Page - ATMEL Corporation AT49F4096A-90TC Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AT49F004(T)/4096A(T)
11
Notes:
1. These parameters are characterized and not 100% tested.
2. See t
OE spec in AC Read Characteristics.
Data Polling Waveforms
Notes:
1. These parameters are characterized and not 100% tested.
2. See t
OE spec in AC Read Characteristics.
Toggle Bit Waveforms(1)(2)(3)
Notes:
1.
Toggling either OE or CE or both OE and CE will operate toggle bit. The t
OEHP specification must be met by the toggling
input(s).
2.
Beginning and ending state of I/O6 will vary.
3.
Any address location may be used but the address should not vary.
Data Polling Characteristics(1)
Symbol
Parameter
Min
Typ
Max
Units
t
DH
Data Hold Time
10
ns
t
OEH
OE Hold Time
10
ns
t
OE
OE to Output Delay(2)
ns
t
WR
Write Recovery Time
0
ns
A0-A18
I/O7
OE
An
An
An
An
An
HIGH Z
CE
WE
tDH
tOE
tOEH
tWR
Toggle Bit Characteristics(1)
Symbol
Parameter
Min
Typ
Max
Units
t
DH
Data Hold Time
10
ns
t
OEH
OE Hold Time
10
ns
t
OE
OE to Output Delay(2)
ns
t
OEHP
OE High Pulse
150
ns
t
WR
Write Recovery Time
0
ns


Similar Part No. - AT49F4096A-90TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F4096-12RC ATMEL-AT49F4096-12RC Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F4096-12RI ATMEL-AT49F4096-12RI Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F4096-12TC ATMEL-AT49F4096-12TC Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49F4096-12TI ATMEL-AT49F4096-12TI Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F4096A-90TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com