Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107K020R0100V Datasheet(PDF) 2 Page - AVX Corporation

Part # TPSC107K020R0100V
Description  TPS Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K020R0100V Datasheet(HTML) 2 Page - AVX Corporation

  TPSC107K020R0100V Datasheet HTML 1Page - AVX Corporation TPSC107K020R0100V Datasheet HTML 2Page - AVX Corporation TPSC107K020R0100V Datasheet HTML 3Page - AVX Corporation TPSC107K020R0100V Datasheet HTML 4Page - AVX Corporation TPSC107K020R0100V Datasheet HTML 5Page - AVX Corporation TPSC107K020R0100V Datasheet HTML 6Page - AVX Corporation TPSC107K020R0100V Datasheet HTML 7Page - AVX Corporation TPSC107K020R0100V Datasheet HTML 8Page - AVX Corporation TPSC107K020R0100V Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPS Series
Low ESR
Released codes (M tolerance only)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
ESR limits quoted in brackets (milliohms)
NOTE: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code 2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.15
154
A(9000)
0.22
224
A(6000)
A(7000)
0.33
334
A(6000)
0.47
474
A(7000)
A(6000)
C(2300)
B(4000)
0.68
684
A(6000)
A(6000)
1
105
R(9000)
A(3000), R(6000)
R(2500,4000)
A(3000)
C(2500)
S(6000), T(2000)
B(2000)
1.5
155
A(3000)
B(2500)
C(1500,2000)
B(1800)
2.2
225
R(7000)
A(1800)
A(1800,3500)
A(3000)
B(900,1200,2500)
A(1500), B(750,
D(1200)
T(2000)
1500,2000), C(1000)
3.3
335
T(1500)
A(3500)
A(2500)
A(1000,1500)
B(1000)
D(800)
B(1300)
B(750,1500,2000)
C(700)
4.7
475
S(4000)
A(1400)
A(2000)
A(1800)
B(700,900,1500)
B(700,1500)
D(300,500,700)
R(3000,5000)
B(800,1500)
B(750,1000)
C(600), D(700)
A(1000)
6.8
685
A(1800)
A(1800)
A(1500)
B(600,1000)
B(700)
C(350)
D(200, 300,
T(1800)
B(600,1200)
C(700)
C(500,600,700)
D(150,400,500)
500,600)
A(1500)
A(900,1800)
B(500,800), C(500)
B(500,1000)
B(1800)
D(125,300)
E(250,300,
10
106
R(3000)
R(1000,1500,3000)
P(2000)(M)
T(800,1000)
C(500,700)
C(300,500)
E(200), Y(250)
400,500)
T(1000)
T(1000,2000)
W(500,600)
W(500)
A(1000)
B(500)
C(220,300)
C(350,450)
E(250)
15
156
A(700,1500)
B(450,600)
B(500,800)
C(400,450)
D(100,300)
D(100,300)
V(250)
T(1200)
Y(250)
A(500,900)
A(900)
B(400,600)
B(400,600)
D(125,200,300,400)
22
226
B(375,600)
B(400,500,700)
C(150,250,300,375)
C(100,150,400)
C(275,400)
E(125,200,300)
S(900)
C(300), T(800)
W(500)
D(200,300)
D(100,200,300)
Y(200)
A(700)
B(350,500)
D(100,200,300)
A(600)
B(250,425,500,650)
C(100,150,225,300)
C(300)
E(100,175,
D(200,300)
33
336
B(250,350,450,600)
C(150,375,500)
D(200), W(140,175,
D(100,200)
200,300)
E(100,250,300)
T(800)
W(350)
250,400,500)
Y(200)
V(200)
Y(300,400)
A(800)
B(250,350,500,650)
C(110,350)
D(75,100,200)
47
476
A(500)
B(250,350,500)
C(200,350)
D(80,100,150,200)
E(70,125,150,
D(125,150,250)
E(200,250)
C(300), T(1200)
D(100)
W(200)
200,250)
E(80,100,125)
V(150,200)
W(125,150,250)
X(180), Y(250)
B(600)
C(125,200)
B(250,350,500)
C(80,100,200,300)
D(70,100,150)
D(70,150,
E(125,200)
68
686
C(150,200)
D(100,150), W(100,150)
F(200), X(150)
200,300)
V(80,95,150,200)
V(150,200)
(M)
W(110,125,250)
Y(100,200)
Y(150,200,250)
E(125,150,200)
B(400)(M)
C(200)
B(200,250,
B(250,400)
C(75,100,150,200)
D(60,100,125,150)
D(85,100,150)
100
107
B(200)
350,500)
C(75,150)
D(50,65,80,100,125,
E(55,100,125,150)
E(100,150,200)
V(100)
W(100)
W(100,150)
150), E(125) W(150)
F(150,200)(M)
V(60,85,100,200)
Y(100)
X(85,150,200)
Y(100,150,200)
Y(100,150,200)
B(250)
C(50,90,150,200,250)
D(50,85,100), E(100)
D(60,85,100,125,150)
150
157
B(150)
C(70,80)
D(50,125),
F(200), X(100)(M)
E(100), V(45,75)
V(80)
Y(40,50)
Y(100,150,200)
Y(200)(M)
B(150,
C(70,100,125,250)
D(40,50,100,150)
220
227
200,600)
D(40,50,100)
D(50,100,125)
E(50,60,70,100,
E(100,150)
D(45)
Y(40,50,75)
E(100), F(200)
125,150)
V(50,75,100,150)
Y(100,150)
Y(100,150,200)
C(100)
C(80,100)
330
337
Y(40)
D(35,45,100)
D(45,50,70,100)
D(50,65,100,150)
F(200)
E(50,100,125,150)
E(40,50,60,100)
X(100)
V(100), Y(100,150)
V(40,60,100)
D(35)
D(45,60,100,200)
470
477
F(200)
D(45,100)
E(45,50,60,100,200)
E(45,50,60,100,200)
Y(100)
E(35,45,100)
V(40,55,100), Y(150)
V(40,60,100)
D(35,50)
D(45,60,100)
E(45,60,100)
680
687
E(35,50)
E(40,60,100)
V(35,40,50)
Y(100)
1000
108
E(30,40)
E(40,60)
E(100)(M), V(40,50)(M)
Y(100)(M) V(25,35,40,50)
1500
158
D(100)
E(50,75)
E(50)
V(50,75)(M)
V(30,40)(M)
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
31


Similar Part No. - TPSC107K020R0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K020R0100V AVX-TPSC107K020R0100V Datasheet
137Kb / 11P
   Low ESR
TPSC107K020R0100V AVX-TPSC107K020R0100V Datasheet
166Kb / 11P
   TPS Series
TPSC107K020R0100V AVX-TPSC107K020R0100V Datasheet
197Kb / 16P
   TPS Series
TPSC107K020R0100V AVX-TPSC107K020R0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K020R0100V AVX-TPSC107K020R0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
More results

Similar Description - TPSC107K020R0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSE686K025R0125 AVX-TPSE686K025R0125 Datasheet
163Kb / 11P
   TPS Series
TPSD476K025R0125 AVX-TPSD476K025R0125 Datasheet
146Kb / 11P
   TPS Series
TPSD226K035R0200 AVX-TPSD226K035R0200 Datasheet
166Kb / 11P
   TPS Series
TPSD337K006R0045 AVX-TPSD337K006R0045 Datasheet
146Kb / 11P
   TPS Series
TPSE476M035R0200 AVX-TPSE476M035R0200 Datasheet
197Kb / 16P
   TPS Series
TPSD686K020R0070 AVX-TPSD686K020R0070 Datasheet
163Kb / 11P
   TPS Series
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com