Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHG10I1200PM Datasheet(PDF) 2 Page - IXYS Corporation

Part # DHG10I1200PM
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DHG10I1200PM Datasheet(HTML) 2 Page - IXYS Corporation

  DHG10I1200PM Datasheet HTML 1Page - IXYS Corporation DHG10I1200PM Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DHG 10 I 1200PM
advanced
I
RMS
A
per pin*
35
R
thCH
K/W
0.50
M
D
Nm
0.6
mounting torque
0.4
T
stg
°C
150
storage temperature
-55
Weight
g
2
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
RMS current
thermal resistance case to heatsink
Unit
* Irms is typically limited by: 1. pin-to-chip resistance; or by 2. current capability of the chip.
In case of 1, a common cathode/anode configuration and a non-isolated backside, the whole current capability can be used by connecting
the backside.
Outlines TO-220FPAC
F
C
N
60
mounting force with clip
20
IXYS reserves the right to change limits, conditions and dimensions.
© 2006 IXYS all rights reserved
* Data according to IEC 60747and per diode unless otherwise specified


Similar Part No. - DHG10I1200PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DHG10I1200PA IXYS-DHG10I1200PA Datasheet
111Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results

Similar Description - DHG10I1200PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DHG5I600PA IXYS-DHG5I600PA Datasheet
106Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I1800PA IXYS-DHG10I1800PA Datasheet
291Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30I300PA IXYS-DPG30I300PA Datasheet
137Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DSEP6-06BS IXYS-DSEP6-06BS Datasheet
107Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I1200PA IXYS-DHG10I1200PA Datasheet
111Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG20I1200HA IXYS-DHG20I1200HA Datasheet
107Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG10I200PA IXYS-DPG10I200PA Datasheet
133Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPF30I300PA IXYS-DPF30I300PA Datasheet
136Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30I400HA IXYS-DPG30I400HA Datasheet
143Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30IM300PC IXYS-DPG30IM300PC Datasheet
148Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I600PA IXYS-DHG10I600PA Datasheet
105Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com