Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

594D477X9004R2W Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 594D477X9004R2W
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D477X9004R2W Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 594D477X9004R2W Datasheet HTML 5Page - Vishay Siliconix 594D477X9004R2W Datasheet HTML 6Page - Vishay Siliconix 594D477X9004R2W Datasheet HTML 7Page - Vishay Siliconix 594D477X9004R2W Datasheet HTML 8Page - Vishay Siliconix 594D477X9004R2W Datasheet HTML 9Page - Vishay Siliconix 594D477X9004R2W Datasheet HTML 10Page - Vishay Siliconix 594D477X9004R2W Datasheet HTML 11Page - Vishay Siliconix 594D477X9004R2W Datasheet HTML 12Page - Vishay Siliconix 594D477X9004R2W Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 03-Feb-14
3
Document Number: 40088
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITOR ENVIRONMENTAL CHARACTERISTICS
ITEM
CONDITION
ENVIRONMENTAL CHARACTERISTICS
Humidity tests
At 40 °C/90 % RH 1000 h, no voltage applied.
Capacitance change
Cap.
 600 μF
Cap. > 600 μF
Dissipation factor
Within ± 10 % of initial value
Within ± 20 % of initial value
Not to exceed 150 % of initial
+25 °C requirement
Temperature cycles
At -55 °C/+125 °C, 30 min each, for 5 cycles.
Capacitance change
Cap.
 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Initial specified value or less
Initial specified value or less
Moisture resistance
MIL-STD-202, method 106 at rated voltage,
42 cycles.
Capacitance change
Cap.
 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Initial specified value or less
Initial specified value or less
Thermal shock
Capacitors are subjected to 5 cycles of the
following:
-55 °C (+0 °C, -5 °C) for 30 min, then
+25 °C (+10 °C, -5 °C) for 5 min, then
+125 °C (+3 °C, -0 °C) for 30 min, then
+25 °C (+10 °C, -5 °C) for 5 min
Capacitance change
Cap.
 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Initial specified value or less
Initial specified value or less
MECHANICAL PERFORMANCE CHARACTERISTICS
TEST CONDITION
CONDITION
POST TEST PERFORMANCE
Shear test
Apply a pressure load of 5 N for 10 s ± 1 s
horizontally to the center of capacitor side body.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Substrate bend
With parts soldered onto substrate test board,
apply force to the test board for a deflection
of 3 mm, for a total of 3 bends at a rate of 1 mm/s.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
Vibration
MIL-STD-202, method 204, condition D, 10 Hz to
2000 Hz, 20 g peak
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Shock
MIL-STD-202, method 213B shock (specified
pulse), condition I, 100 g peak
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Resistance to solder heat
• Recommended reflow profiles temperatures
and durations are located within the Capacitor
Series Guides
• Pb-free and lead-bearing series caps are
backward and forward compatible
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Solderability
MIL-STD-2002, method 208, ANSI/J-STD-002,
test B. Applies only to solder and tin plated
terminations.
Does not apply to gold terminations.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Resistance to solvents
MIL-STD-202, method 215
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Flammability
Encapsulent materials meet UL 94 V-0 with an
oxygen index of 32 %.


Similar Part No. - 594D477X9004R2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D477X9004R2W VISHAY-594D477X9004R2W Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D477X9004R2W VISHAY-594D477X9004R2W Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
More results

Similar Description - 594D477X9004R2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
597D108X96R3R2T VISHAY-597D108X96R3R2T Datasheet
93Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 09-Apr-13
597D477X0010E2T VISHAY-597D477X0010E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
597D VISHAY-597D_08 Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com